Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP8860ACBZ-R7 Datasheet(PDF) 46 Page - Analog Devices

Part # ADP8860ACBZ-R7
Description  Charge Pump, 7-Channel Smart LED Driver with I2C Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP8860ACBZ-R7 Datasheet(HTML) 46 Page - Analog Devices

Back Button ADP8860ACBZ-R7 Datasheet HTML 42Page - Analog Devices ADP8860ACBZ-R7 Datasheet HTML 43Page - Analog Devices ADP8860ACBZ-R7 Datasheet HTML 44Page - Analog Devices ADP8860ACBZ-R7 Datasheet HTML 45Page - Analog Devices ADP8860ACBZ-R7 Datasheet HTML 46Page - Analog Devices ADP8860ACBZ-R7 Datasheet HTML 47Page - Analog Devices ADP8860ACBZ-R7 Datasheet HTML 48Page - Analog Devices ADP8860ACBZ-R7 Datasheet HTML 49Page - Analog Devices ADP8860ACBZ-R7 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
ADP8860
Rev. 0 | Page 46 of 52
Bit Name
Bit No.
Description
L2_EN2
0
Note that the L3 comparator has priority over L2.
1 = the L2 comparator is enabled for the CMP_IN2 comparator.
0 = the L2 comparator is disabled for the CMP_IN2 comparator.
Comparator Level 2 Threshold (L2_TRP)—Register 0x1D
Table 68. L2_TRP Bit Map
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
L2_TRP
Table 69. Bit Descriptions for the L2_TRP Register
Bit Name
Bit No.
Description
L2_TRP
7:0
Comparator Level 2 threshold. If the comparator input is below L2_TRP, then the comparator trips and
the backlight enters Level 2 (office) mode. The following lists the code settings for photosensor current:
00000000 = 0 μA.
00000001 = 4.3 μA.
00000010 = 8.6 μA.
00000011 = 12.9 μA.
…
11111010 = 1080 μA.
…
11111111 = 1106 μA.
Although codes above 1111010 (250) are possible, they should not be used. Furthermore, the maximum
value of L2_TRP + L2_HYS must not exceed 1111010 (250).
Comparator Level 2 Hysteresis (L2_HYS)—Register 0x1E
Table 70. L2_HYS Bit Map
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
L2_HYS
Table 71. Bit Descriptions for the L2_HYS Register
Bit Name
Bit No.
Description
L2_HYS
7:0
Comparator Level 2 hysteresis. If the comparator input is above L2_TRP + L2_HYS, the comparator trips
and the backlight enters Level 1 (daylight) mode. The following lists the code settings for photosensor
current hysteresis:
0000000 = 0 μA.
00000001 = 4.3 μA.
00000010 = 8.6 μA.
00000011 = 12.9 μA.
…
11111010 = 1080 μA.
…
11111111 = 1106 μA.
Although codes above 1111010 (250) are possible, they should not be used. Furthermore, the maximum
value of L2_TRP + L2_HYS must not exceed 1111010 (250).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com