Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP8860ACBZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP8860ACBZ-R7
Description  Charge Pump, 7-Channel Smart LED Driver with I2C Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP8860ACBZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP8860ACBZ-R7 Datasheet HTML 14Page - Analog Devices ADP8860ACBZ-R7 Datasheet HTML 15Page - Analog Devices ADP8860ACBZ-R7 Datasheet HTML 16Page - Analog Devices ADP8860ACBZ-R7 Datasheet HTML 17Page - Analog Devices ADP8860ACBZ-R7 Datasheet HTML 18Page - Analog Devices ADP8860ACBZ-R7 Datasheet HTML 19Page - Analog Devices ADP8860ACBZ-R7 Datasheet HTML 20Page - Analog Devices ADP8860ACBZ-R7 Datasheet HTML 21Page - Analog Devices ADP8860ACBZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
ADP8860
Rev. 0 | Page 18 of 52
The backlight turns on when BL_EN = 1. The backlight turns
off when BL_EN = 0.
MAX
BACKLIGHT
CURRENT
BL_EN = 1
BL_EN = 0
Figure 32. Backlight Turn On/Off
While the backlight is on (BL_EN = 1), the user can change to
the dim setting by programming DIM_EN = 1 in Register 0x01.
If DIM_EN = 0, the backlight reverts to its maximum setting.
MAX
DIM
BACKLIGHT
CURRENT
BL_EN = 1 DIM_EN = 1
DIM_EN = 0 BL_EN = 0
Figure 33. Backlight Turn On/Dim/Turn Off
The maximum and dim settings can be set between 0 mA and
30 mA; therefore, it is possible to program a dim setting that is
greater than a maximum setting. For normal expected opera-
tion, ensure that the dim setting is programmed to be less than
the maximum setting.
AUTOMATIC DIM AND TURN OFF TIMERS
The user can program the backlight to dim automatically by
using the DIMT timer in Register 0x07. The dim timer has 127
settings ranging from 1 sec to 127 sec. Program the dim timer
(DIMT) before turning on the backlight. If BL_EN = 1, the
backlight turns on to its maximum setting and the dim timer
starts counting. When the dim timer expires, the internal state
machine sets DIM_EN = 1, and the backlight enters its dim
setting.
MAX
DIM
BL_EN = 1
BL_EN = 0
DIM_EN = 1
DIM_EN = 0 DIM_EN = 1
BACKLIGHT
CURRENT
DIM TIMER
RUNNING
DIM TIMER
RUNNING
SET BY USER
SET BY INTERNAL STATEMACHINE
Figure 34. Dim Timer
If the user clears the DIM_EN bit, the backlight reverts to its
maximum setting and the dim timer begins counting again.
When the dim timer expires, the internal state machine again
sets DIM_EN = 1, and the backlight enters its dim setting. The
backlight can be turned off at any point during the dim timer
countdown by clearing BL_EN.
The user can also program the backlight to turn off automati-
cally by using the OFFT timer in Register 0x06. The off timer
has 127 settings ranging from 1 sec to 127 sec. Program the off
timer (OFFT) before turning on the backlight. If BL_EN = 1,
the backlight turns on to its maximum setting and the off timer
starts counting. When the off timer expires, the internal state
machine clears the BL_EN bit, and the backlight turns off.
MAX
BL_EN = 1 BL_EN = 0
BACKLIGHT
CURRENT
OFF TIMER
RUNNING
SET BY USER
SET BY INTERNAL STATE MACHINE
Figure 35. Off Timer
The backlight can be turned off at any point during the off
timer countdown by clearing BL_EN.
The dim timer and off timer can be used together for sequential
maximum-to-dim-to-off functionality. With both the dim and
off timers programmed, if BL_EN is asserted, the backlight
turns on to its maximum setting, and when the dim timer
expires, the backlight changes to its dim setting. When the off
timer expires, the backlight turns off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com