Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP8860ACBZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP8860ACBZ-R7
Description  Charge Pump, 7-Channel Smart LED Driver with I2C Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP8860ACBZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP8860ACBZ-R7 Datasheet HTML 11Page - Analog Devices ADP8860ACBZ-R7 Datasheet HTML 12Page - Analog Devices ADP8860ACBZ-R7 Datasheet HTML 13Page - Analog Devices ADP8860ACBZ-R7 Datasheet HTML 14Page - Analog Devices ADP8860ACBZ-R7 Datasheet HTML 15Page - Analog Devices ADP8860ACBZ-R7 Datasheet HTML 16Page - Analog Devices ADP8860ACBZ-R7 Datasheet HTML 17Page - Analog Devices ADP8860ACBZ-R7 Datasheet HTML 18Page - Analog Devices ADP8860ACBZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
ADP8860
Rev. 0 | Page 15 of 52
VIN
nSTBY
nRST
VOUT
VIN
SHUTDOWN
VIN CROSSES ~2.05V AND TRIGGERS POWER ON RESET
BIT nSTBY IN REGISTER
MDCR GOES HIGH
nRST MUST BE HIGH FOR 20µs (MAX)
BEFORE SENDING I2C COMMANDS
nRST IS LOW, WHICH FORCES nSTBY LOW
AND RESETS ALL I2C REGISTERS
GAIN CHANGES ONLY OCCUR WHEN NECESSARY,
~100µs DELAY BETWEEN POWER UP AND
WHEN I2C COMMANDS CAN BE RECEIVED
~3.75mA CHARGES
VOUT TO VIN LEVEL
25µs TO 100µs NOISE FILTER
BUT HAVE A MIN TIME BEFORE CHANGING
1.5×
SOFT START
SOFT START
10µs 100µs
Figure 28. Typical Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com