Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2196 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP2196
Description  1.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2196 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP2196 Datasheet HTML 6Page - Diodes Incorporated AP2196 Datasheet HTML 7Page - Diodes Incorporated AP2196 Datasheet HTML 8Page - Diodes Incorporated AP2196 Datasheet HTML 9Page - Diodes Incorporated AP2196 Datasheet HTML 10Page - Diodes Incorporated AP2196 Datasheet HTML 11Page - Diodes Incorporated AP2196 Datasheet HTML 12Page - Diodes Incorporated AP2196 Datasheet HTML 13Page - Diodes Incorporated AP2196 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
AP2186/AP2196
1.5A DUAL CHANNEL CURRENT-LIMITED POWER
SWITCH
AP2186/AP2196 Rev 1
10 of 17
APRIL 2009
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
(Continued)
Channel 1 Enabled and Shorted with Channel 2
Disabled
100ms/div
Channel 1 Disabled and Channel 2 Enabled
50ms/div
Turn-On Time vs Input Voltage
250
350
450
550
650
750
850
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
Input Voltage (V)
Turn-Off Time vs Input Voltage
25
30
35
40
45
50
55
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
Input Voltage (V)
Rise Time vs Input Voltage
300
350
400
450
500
550
600
650
22.533.544.555.56
Input Voltage (V)
Fall Time vs Input Voltage
19
20
21
22
23
24
25
22.53
3.5
44.555.5
6
Input Voltage (V)
CL=1uF
RL=10Ω
TA=25°C
CL=1uF
RL=10Ω
TA=25°C
CL=1uF
RL=10Ω
TA=25°C
CL=1uF
RL=10Ω
TA=25°C
Vout 2
5V/div
Iout 2
500mA/div
TA=25°C
CL=68uF
Vout 1
5V/div
Vflag 1
5V/div
Vout 1
5V/div
Vout 2
5V/div
TA=25°C
CL=68uF
Ven1
5V/div
Ven2
5V/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com