Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2196 Datasheet (PDF) - Diodes Incorporated

AP2196 Datasheet PDF - Diodes Incorporated
Part # AP2196
Download  AP2196 Download
File Size   524.25 Kbytes
Page   17 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH

AP2196 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP2196 Datasheet PDF - Diodes Incorporated

Part # AP2196
Download  AP2196 Click to download

File Size   524.25 Kbytes
Page   17 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH

AP2196 Datasheet (HTML) - Diodes Incorporated


AP2196 Product details

Description
The AP2186 and AP2196 are integrated high-side power switches optimized for Universal Serial Bus (USB) and other hot-swap applications. The family of devices complies with USB 2.0 and available with both polarities of Enable input. They offer current and thermal limiting and short circuit protection as well as controlled rise time and under-voltage lockout functionality. A 7ms deglitch capability on the open-drain Flag output prevents false over-current reporting and does not require any external components.

Features
• Dual USB Port Power Switches
• Over-Current and Thermal Protection
• 2.1A Accurate Current Limiting
• Reverse Current Blocking
• 90mΩ On-Resistance
• Input Voltage Range: 2.7V - 5.5V
• 0.6ms Typical Rise Time
• Very Low Shutdown Current: 1µA (max)
• Fault Report (FLG) with Blanking Time (7ms typ)
• ESD Protection: 6KV HBM, 300V MM
• Active Low (AP2186) or Active High (AP2196) Enable
• Ambient Temperature Range -40ºC to +85°C
• SO-8 and MSOP-8EP (Exposed Pad): Available in “Green” Molding Compound (No Br, Sb)
    ◾ Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
    ◾ Halogen and Antimony Free. “Green” Device (Note 3)
• UL Recognized, File Number E322375
• IEC60950-1 CB Scheme Certified

Applications
• Consumer electronics – LCD TV & Monitor, Game Machines
• Communications – Set-Top-Box, GPS, Smartphone
• Computing – Laptop, Desktop, Servers, Printers, Docking Station, HUB




Similar Part No. - AP2196

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2191 DIODES-AP2191 Datasheet
386Kb / 18P
1.5A SINGLE CHANNEL CURRENT-LIMITED POWER
AP2191 Rev. 6
AP2191 DIODES-AP2191 Datasheet
438Kb / 17P
1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2191 DIODES-AP2191 Datasheet
438Kb / 17P
1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2191A DIODES-AP2191A Datasheet
884Kb / 17P
1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
May 2018 Rev. 2 - 2
AP2191AFM-7 DIODES-AP2191AFM-7 Datasheet
884Kb / 17P
1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
May 2018 Rev. 2 - 2
More results


Similar Description - AP2196

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4601 ANALOGICTECH-AAT4601 Datasheet
293Kb / 14P
1.5A Current Limited P-Channel Switch
logo
Diodes Incorporated
AP2182A DIODES-AP2182A Datasheet
772Kb / 17P
1.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32193 Rev. 2 - 2
AP2182_1007 DIODES-AP2182_1007 Datasheet
488Kb / 17P
1.5A DUAL CHANNEL CURRENT-LIMITED POWER
AP2192 Rev. 6
logo
KEC(Korea Electronics)
KIC6981F KEC-KIC6981F Datasheet
499Kb / 8P
1.5A 1-Channel Current Limited Power Switch
logo
Diodes Incorporated
AP2192MPG-13 DIODES-AP2192MPG-13 Datasheet
581Kb / 17P
1.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2191SG-13 DIODES-AP2191SG-13 Datasheet
438Kb / 17P
1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2181MPG-13 DIODES-AP2181MPG-13 Datasheet
438Kb / 17P
1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
logo
KEC(Korea Electronics)
KIC6981F KEC-KIC6981F_15 Datasheet
499Kb / 8P
1.5A 1-Channel Current Limited Power Switch
logo
Monolithic Power System...
MP6233 MPS-MP6233 Datasheet
248Kb / 10P
3.3V/5V, Dual-Channel 1.5A Current-Limited Power Distribution Switch
logo
Diodes Incorporated
AP2181A DIODES-AP2181A Datasheet
884Kb / 17P
1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
May 2018 Rev. 2 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com