Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2196 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP2196
Description  1.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2196 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP2196 Datasheet HTML 1Page - Diodes Incorporated AP2196 Datasheet HTML 2Page - Diodes Incorporated AP2196 Datasheet HTML 3Page - Diodes Incorporated AP2196 Datasheet HTML 4Page - Diodes Incorporated AP2196 Datasheet HTML 5Page - Diodes Incorporated AP2196 Datasheet HTML 6Page - Diodes Incorporated AP2196 Datasheet HTML 7Page - Diodes Incorporated AP2196 Datasheet HTML 8Page - Diodes Incorporated AP2196 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
AP2186/AP2196
1.5A DUAL CHANNEL CURRENT-LIMITED POWER
SWITCH
AP2186/AP2196 Rev 1
1 of 17
APRIL 2009
www.diodes.com
© Diodes Incorporated
•
Dual USB port power switches
•
Over-current and thermal protection
•
2.1A accurate current limiting
•
Reverse Current Blocking
•
90m
Ω on-resistance
•
Input voltage range: 2.7V – 5.5V
•
0.6ms typical rise time
•
Very low shutdown current: 1uA (max)
•
Fault report (FLG) with blanking time (7ms typ)
•
ESD protection: 6KV HBM, 300V MM
•
Active high (AP2196) or active low (AP2186) enable
•
Ambient temperature range -40ºC to 85°C
•
SOP-8L and MSOP-8L-EP (Exposed Pad): Available in
“Green” Molding Compound (No Br, Sb)
•
Lead Free Finish / RoHS Compliant (Note 1)
•
UL Recognized, File Number E322375
•
IEC60950-1 CB Scheme Certified
The AP2186 and AP2196 are integrated high-side power switches
optimized for Universal Serial Bus (USB) and other hot-swap
applications. The family of devices complies with USB 2.0 and
available with both polarities of Enable input.
They offer current
and thermal limiting and short circuit protection as well as
controlled rise time and under-voltage lockout functionality. A 7ms
deglitch capability on the open-drain Flag output prevents false
over-current
reporting
and
does
not
require
any
external
components.
All devices are available in SOP-8L and MSOP-8L-EP packages.
•
Consumer electronics – LCD TV & Monitor, Game Machines
•
Communications – Set-Top-Box, GPS, Smartphone
•
Computing – Laptop, Desktop, Servers, Printers, Docking Station, HUB
0.1uF
IN
GND
EN2
OUT1
ON
68uF
Power Supply
2.7V to 5.5V
0.1uF
OFF
FLG1
Load
10k
10k
FLG2
EN1
OUT2
68uF
0.1uF
Load
10uF
Available Options
Part Number
Channel
Enable Pin (EN)
Current Limit
(Typical)
Recommended Maximum
Continuous Load Current
AP2186
2
Active Low
2.1A
1.5A
AP2196
2
Active High
2.1A
1.5A
Features
Description
Applications
Typical Application Circuit


Similar Part No. - AP2196

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2191 DIODES-AP2191 Datasheet
386Kb / 18P
1.5A SINGLE CHANNEL CURRENT-LIMITED POWER
AP2191 Rev. 6
AP2191 DIODES-AP2191 Datasheet
438Kb / 17P
1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2191 DIODES-AP2191 Datasheet
438Kb / 17P
1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2191A DIODES-AP2191A Datasheet
884Kb / 17P
1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
May 2018 Rev. 2 - 2
AP2191AFM-7 DIODES-AP2191AFM-7 Datasheet
884Kb / 17P
1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
May 2018 Rev. 2 - 2
More results

Similar Description - AP2196

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4601 ANALOGICTECH-AAT4601 Datasheet
293Kb / 14P
1.5A Current Limited P-Channel Switch
logo
Diodes Incorporated
AP2182A DIODES-AP2182A Datasheet
772Kb / 17P
1.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32193 Rev. 2 - 2
AP2182_1007 DIODES-AP2182_1007 Datasheet
488Kb / 17P
1.5A DUAL CHANNEL CURRENT-LIMITED POWER
AP2192 Rev. 6
logo
KEC(Korea Electronics)
KIC6981F KEC-KIC6981F Datasheet
499Kb / 8P
1.5A 1-Channel Current Limited Power Switch
logo
Diodes Incorporated
AP2192MPG-13 DIODES-AP2192MPG-13 Datasheet
581Kb / 17P
1.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2191SG-13 DIODES-AP2191SG-13 Datasheet
438Kb / 17P
1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2181MPG-13 DIODES-AP2181MPG-13 Datasheet
438Kb / 17P
1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
logo
KEC(Korea Electronics)
KIC6981F KEC-KIC6981F_15 Datasheet
499Kb / 8P
1.5A 1-Channel Current Limited Power Switch
logo
Monolithic Power System...
MP6233 MPS-MP6233 Datasheet
248Kb / 10P
3.3V/5V, Dual-Channel 1.5A Current-Limited Power Distribution Switch
logo
Diodes Incorporated
AP2181A DIODES-AP2181A Datasheet
884Kb / 17P
1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
May 2018 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com