Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2196 Datasheet(PDF) 15 Page - Diodes Incorporated

Part # AP2196
Description  1.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2196 Datasheet(HTML) 15 Page - Diodes Incorporated

Back Button AP2196 Datasheet HTML 9Page - Diodes Incorporated AP2196 Datasheet HTML 10Page - Diodes Incorporated AP2196 Datasheet HTML 11Page - Diodes Incorporated AP2196 Datasheet HTML 12Page - Diodes Incorporated AP2196 Datasheet HTML 13Page - Diodes Incorporated AP2196 Datasheet HTML 14Page - Diodes Incorporated AP2196 Datasheet HTML 15Page - Diodes Incorporated AP2196 Datasheet HTML 16Page - Diodes Incorporated AP2196 Datasheet HTML 17Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
AP2186/AP2196
1.5A DUAL CHANNEL CURRENT-LIMITED POWER
SWITCH
AP2186/AP2196 Rev 1
15 of 17
APRIL 2009
www.diodes.com
© Diodes Incorporated
Application Note
(Continued)
Generic Hot-Plug Applications
In many applications it may be necessary to remove modules or pc boards while the main unit is still
operating. These are considered hot-plug applications. Such implementations require the control of current
surges seen by the main power supply and the card being inserted. The most effective way to control these
surges is to limit and slowly ramp the current and voltage being applied to the card, similar to the way in
which a power supply normally turns on. Due to the controlled rise times and fall times of the
AP2186/AP2196, these devices can be used to provide a softer start-up to devices being hot-plugged into a
powered system. The UVLO feature of the AP2186/AP2196 also ensures that the switch is off after the card
has been removed, and that the switch is off during the next insertion.
By placing the AP2186/AP2196 between the VCC input and the rest of the circuitry, the input power reaches
these devices first after insertion. The typical rise time of the switch is approximately 1ms, providing a slow
voltage ramp at the output of the device. This implementation controls system surge current and provides a
hot-plugging mechanism for any device.
Marking Information
(1) SOP-8L
AP21X X
( Top view )
YY WW X X
Part Number
Logo
WW : Week : 01~52; 52
YY : Year : 08, 09,10~
G : Green
X : Internal Code
87
65
1
2
34
8 : Active Low
9 : Active High
6 : 2 Channel
represents 52 and 53 week
(2) MSOP-8L-EP
AP21X X
( Top view )
Y W X E
Part Number
Logo
Y : Year : 0~9
A~Z : Green
87
6
5
1
23
4
8 : Active Low
9 : Active High
6 : 2 Channel
A~Z : 27~52 week; Z represents
W : Week : a~z : 1~26 week;
52 and 53 week
MSOP-8L-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com