Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMC3028LSD Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMC3028LSD
Description  30V COMPLEMENTARY DUAL ENHANCEMENT MODE MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC3028LSD Datasheet(HTML) 1 Page - Diodes Incorporated

  DMC3028LSD Datasheet HTML 1Page - Diodes Incorporated DMC3028LSD Datasheet HTML 2Page - Diodes Incorporated DMC3028LSD Datasheet HTML 3Page - Diodes Incorporated DMC3028LSD Datasheet HTML 4Page - Diodes Incorporated DMC3028LSD Datasheet HTML 5Page - Diodes Incorporated DMC3028LSD Datasheet HTML 6Page - Diodes Incorporated DMC3028LSD Datasheet HTML 7Page - Diodes Incorporated DMC3028LSD Datasheet HTML 8Page - Diodes Incorporated DMC3028LSD Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DMC3028LSD
Document Revision: 4
1 of 11
www.diodes.com
July 2009
© Diodes Incorporated
A Product Line of
Diodes Incorporated
DMC3028LSD
30V COMPLEMENTARY DUAL ENHANCEMENT MODE MOSFET
Product Summary
Device
V(BR)DSS
RDS(on)
ID
TA = 25°C
Q1
30V
28m
Ω @ VGS= 10V
7.1A
45m
Ω @ VGS= 4.5V
5.6A
Q2
-30V
25m
Ω @ VGS= -10V
-7.4A
41m
Ω @ VGS= -4.5V
-5.7A
Description and Applications
This new generation complementary dual MOSFET features low on-
resistance and fast switching, making it ideal for high efficiency power
management applications.
•
Motor control
•
Backlighting
•
DC-DC Converters
•
Power management functions
Features and Benefits
•
Low on-resistance
•
Fast switching speed
•
“Green” Component and RoHS Compliant (Note 1)
Mechanical Data
•
Case: SO-8
•
Case Material: Molded Plastic, “Green” Molding Compound. UL
Flammability Classification Rating 94V-0 (Note 1)
•
Moisture Sensitivity: Level 1 per J-STD-020D
•
Terminals Connections: See Diagram
•
Terminals: Finish - Matte Tin annealed over Copper lead frame.
Solderable per MIL-STD-202, Method 208
•
Weight: 0.074 grams (approximate)
Ordering Information (Note 1)
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
DMC3028LSD-13
C3028LD
13
12
2,500
Note:
1. Diodes, Inc. defines “Green” products as those which are Eu RoHS compliant and contain no halogens or antimony compounds; further information
about Diodes Inc.’s “Green” Policy can be found on our website. For packaging details, go to our website
Marking Information
= Manufacturer’s Marking
C3028LD = Product Type Marking Code
YYWW = Date Code Marking
YY = Year (ex: 09 = 2009)
WW = Week (01-52)
TOP VIEW
D2
S2
G2
D1
Q1 N-Channel
Q2 P-Channel
S1
G1
D1
S1
G1
S2
G2
Top view
D1
D2
D2
C3028LD
YY WW
Please click here to visit our online spice models database.


Similar Part No. - DMC3028LSD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMC3028LSDX DIODES-DMC3028LSDX Datasheet
465Kb / 9P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 4
DMC3028LSDXQ DIODES-DMC3028LSDXQ Datasheet
490Kb / 9P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 1
DMC3028LSDXQ-13 DIODES-DMC3028LSDXQ-13 Datasheet
490Kb / 9P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 1
DMC3028LSDX DIODES-DMC3028LSDX_15 Datasheet
269Kb / 9P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 3
DMC3028LSD DIODES-DMC3028LSD_15 Datasheet
351Kb / 11P
30V COMPLEMENTARY DUAL ENHANCEMENT MODE MOSFET
Rev 4
More results

Similar Description - DMC3028LSD

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMC3A17DN8 ZETEX-ZXMC3A17DN8 Datasheet
276Kb / 10P
COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
ZXMC3A16DN8 ZETEX-ZXMC3A16DN8_05 Datasheet
311Kb / 10P
COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
ZXMC3F31DN8 ZETEX-ZXMC3F31DN8 Datasheet
351Kb / 11P
30V SO8 Complementary dual enhancement mode MOSFET
logo
Diodes Incorporated
ZXMC3A18DN8 DIODES-ZXMC3A18DN8 Datasheet
692Kb / 12P
Complementary 30V enhancement mode MOSFET
SEPTEMBER 2007
ZXMC3AM832 DIODES-ZXMC3AM832 Datasheet
270Kb / 10P
COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
JULY 2004
DMC3028LSD DIODES-DMC3028LSD_15 Datasheet
351Kb / 11P
30V COMPLEMENTARY DUAL ENHANCEMENT MODE MOSFET
Rev 4
ZXMC3F31DN8 DIODES-ZXMC3F31DN8_15 Datasheet
332Kb / 11P
30V SO8 Complementary dual enhancement mode MOSFET
SEPTEMBER 2008
logo
Pan Jit International I...
PJL9602 PANJIT-PJL9602 Datasheet
566Kb / 9P
30V Complementary Enhancement Mode MOSFET
Feb 16,2017-REV.00P
PJQ4602 PANJIT-PJQ4602 Datasheet
855Kb / 9P
30V Complementary Enhancement Mode MOSFET
July 18,2019-REV.00
PJQ4606 PANJIT-PJQ4606 Datasheet
1Mb / 9P
30V Complementary Enhancement Mode MOSFET
October 31,2017-REV.00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com