Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMC3028LSD Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMC3028LSD
Description  30V COMPLEMENTARY DUAL ENHANCEMENT MODE MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC3028LSD Datasheet(HTML) 4 Page - Diodes Incorporated

  DMC3028LSD Datasheet HTML 1Page - Diodes Incorporated DMC3028LSD Datasheet HTML 2Page - Diodes Incorporated DMC3028LSD Datasheet HTML 3Page - Diodes Incorporated DMC3028LSD Datasheet HTML 4Page - Diodes Incorporated DMC3028LSD Datasheet HTML 5Page - Diodes Incorporated DMC3028LSD Datasheet HTML 6Page - Diodes Incorporated DMC3028LSD Datasheet HTML 7Page - Diodes Incorporated DMC3028LSD Datasheet HTML 8Page - Diodes Incorporated DMC3028LSD Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DMC3028LSD
Document Revision: 4
4 of 11
www.diodes.com
July 2009
© Diodes Incorporated
A Product Line of
Diodes Incorporated
DMC3028LSD
Electrical Characteristics – Q1 N-Channel @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
30
⎯
⎯
V
ID = 250μA, VGS= 0V
Zero Gate Voltage Drain Current
IDSS
⎯
⎯
0.5
μA
VDS= 30V, VGS= 0V
Gate-Source Leakage
IGSS
⎯
⎯
±100
nA
VGS= ±20V, VDS= 0V
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(th)
1.0
⎯
3.0
V
ID= 250μA, VDS= VGS
Static Drain-Source On-Resistance (Note 8)
RDS (ON)
⎯
⎯
0.028
Ω
VGS= 10V, ID= 6.0A
0.045
VGS= 4.5V, ID= 4.9A
Forward Transconductance (Notes 8 & 9)
gfs
⎯
12
⎯
S
VDS= 15V, ID= 6.0A
Diode Forward Voltage (Note 8)
VSD
⎯
0.68
1.2
V
IS= 1.7A, VGS= 0V
Reverse recovery time (Note 9)
trr
11.5
⎯
ns
IS= 1.7A, di/dt= 100A/μs
Reverse recovery charge (Note 9)
Qrr
⎯
4.4
⎯
nC
DYNAMIC CHARACTERISTICS (
Note 9)
Input Capacitance
Ciss
⎯
472
⎯
pF
VDS= 15V, VGS= 0V
f= 1MHz
Output Capacitance
Coss
⎯
178
⎯
pF
Reverse Transfer Capacitance
Crss
⎯
65
⎯
pF
Total Gate Charge
Qg
⎯
5.2
⎯
nC
VDS= 15V, VGS= 4.5V
ID= 6A
Total Gate Charge
Qg
⎯
10.5
⎯
nC
VDS= 15V, VGS= 10V
ID= 6A
Gate-Source Charge
Qgs
⎯
1.86
⎯
nC
Gate-Drain Charge
Qgd
⎯
2.3
⎯
nC
Turn-On Delay Time (Note 10)
tD(on)
⎯
2.5
⎯
ns
VDD= 15V, VGS= 10V
ID= 1A, RG ≅ 6.0Ω
Turn-On Rise Time (Note 10)
tr
⎯
3.1
⎯
ns
Turn-Off Delay Time (Note 10)
tD(off)
⎯
14
⎯
ns
Turn-Off Fall Time (Note 10)
tf
⎯
9.7
⎯
ns
Notes:
8. Measured under pulsed conditions. Pulse width
≤ 300μs; duty cycle ≤ 2%
9. For design aid only, not subject to production testing.
10. Switching characteristics are independent of operating junction temperatures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com