Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMC3028LSD Datasheet(PDF) 10 Page - Diodes Incorporated

Part # DMC3028LSD
Description  30V COMPLEMENTARY DUAL ENHANCEMENT MODE MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC3028LSD Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button DMC3028LSD Datasheet HTML 3Page - Diodes Incorporated DMC3028LSD Datasheet HTML 4Page - Diodes Incorporated DMC3028LSD Datasheet HTML 5Page - Diodes Incorporated DMC3028LSD Datasheet HTML 6Page - Diodes Incorporated DMC3028LSD Datasheet HTML 7Page - Diodes Incorporated DMC3028LSD Datasheet HTML 8Page - Diodes Incorporated DMC3028LSD Datasheet HTML 9Page - Diodes Incorporated DMC3028LSD Datasheet HTML 10Page - Diodes Incorporated DMC3028LSD Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
DMC3028LSD
Document Revision: 4
10 of 11
www.diodes.com
July 2009
© Diodes Incorporated
A Product Line of
Diodes Incorporated
DMC3028LSD
Package Outline Dimensions
Suggested Pad Layout
DIM
Inches
Millimeters
DIM
Inches
Millimeters
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
A
0.053
0.069
1.35
1.75
e
0.050 BSC
1.27 BSC
A1
0.004
0.010
0.10
0.25
b
0.013
0.020
0.33
0.51
D
0.189
0.197
4.80
5.00
c
0.008
0.010
0.19
0.25
H
0.228
0.244
5.80
6.20
θ
0°
8°
0°
8°
E
0.150
0.157
3.80
4.00
h
0.010
0.020
0.25
0.50
L
0.016
0.050
0.40
1.27
-
-
-
-
-
1.52
0.060
7.0
0.275
0.6
0.024
1.27
0.050
4.0
0.155
mm
inches



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com