Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMC3028LSD Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMC3028LSD
Description  30V COMPLEMENTARY DUAL ENHANCEMENT MODE MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC3028LSD Datasheet(HTML) 2 Page - Diodes Incorporated

  DMC3028LSD Datasheet HTML 1Page - Diodes Incorporated DMC3028LSD Datasheet HTML 2Page - Diodes Incorporated DMC3028LSD Datasheet HTML 3Page - Diodes Incorporated DMC3028LSD Datasheet HTML 4Page - Diodes Incorporated DMC3028LSD Datasheet HTML 5Page - Diodes Incorporated DMC3028LSD Datasheet HTML 6Page - Diodes Incorporated DMC3028LSD Datasheet HTML 7Page - Diodes Incorporated DMC3028LSD Datasheet HTML 8Page - Diodes Incorporated DMC3028LSD Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
DMC3028LSD
Document Revision: 4
2 of 11
www.diodes.com
July 2009
© Diodes Incorporated
A Product Line of
Diodes Incorporated
DMC3028LSD
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
N-Channel - Q1
P-Channel - Q2
Units
Drain-Source Voltage
VDSS
30
-30
V
Gate-Source Voltage
VGSS
±20
±20
V
Continuous Drain Current
VGS = 10V
(Notes 3 & 5)
ID
7.1
-7.4
A
TA = 70°C (Notes 3 & 5)
5.7
-5.9
(Notes 2 & 5)
5.5
-5.8
(Notes 2 & 6)
6.6
-6.8
Pulsed Drain Current
VGS = 10V
(Notes 4 & 5)
IDM
34
-36
A
Continuous Source Current (Body diode)
(Notes 3 & 5)
IS
3.5
-3.5
A
Pulsed Source Current (Body diode)
(Notes 4 & 5)
ISM
34
-36
A
Thermal Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
N-Channel - Q1
P-Channel - Q2
Unit
Power Dissipation
Linear Derating Factor
(Notes 2 & 5)
PD
1.3
10
W
mW/
°C
Power Dissipation
Linear Derating Factor
(Notes 2 & 6)
PD
1.8
14
W
mW/
°C
Power Dissipation
Linear Derating Factor
(Notes 3 & 5)
PD
2.1
17
W
mW/
°C
Thermal Resistance, Junction to Ambient
(Notes 2 & 5)
(Notes 2 & 6)
(Notes 3 & 5)
RθJA
100
70
60
°C/W
Thermal Resistance, Junction to Lead
(Notes 5 & 7)
RθJL
51
46
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
2. For a device surface mounted on 25mm x 25mm x 1.6mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions; the device is
measured when operating in a steady-state condition.
3. Same as note (2), except the device is measured at t
≤ 10 sec.
4. Same as note (2), except the device is pulsed with D= 0.02 and pulse width 300 µs. The pulse current is limited by the maximum junction temperature.
5. For a dual device with one active die.
6. For a device with two active die running at equal power.
7. Thermal resistance from junction to solder-point (at the end of the drain lead).



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com