Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMS6004FF Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZXMS6004FF
Description  60V N-channel self protected enhancement mode Intellifet MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMS6004FF Datasheet(HTML) 5 Page - Diodes Incorporated

  ZXMS6004FF Datasheet HTML 1Page - Diodes Incorporated ZXMS6004FF Datasheet HTML 2Page - Diodes Incorporated ZXMS6004FF Datasheet HTML 3Page - Diodes Incorporated ZXMS6004FF Datasheet HTML 4Page - Diodes Incorporated ZXMS6004FF Datasheet HTML 5Page - Diodes Incorporated ZXMS6004FF Datasheet HTML 6Page - Diodes Incorporated ZXMS6004FF Datasheet HTML 7Page - Diodes Incorporated ZXMS6004FF Datasheet HTML 8Page - Diodes Incorporated ZXMS6004FF Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ZXMS6004FF
Issue 1 - December 2008
5
www.zetex.com
© Diodes Incorporated, 2008
www.diodes.com
Electrical characteristics (at Tamb = 25°C unless otherwise stated).
Notes:
(d) The drain current is restricted only when the device is in saturation (see graph ‘typical output characteristic’). This
allows the device to be used in the fully on state without interference from the current limit. The device is fully
protected at all drain currents, as the low power dissipation generated outside saturation makes current limit
unnecessary.
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Static Characteristics
Drain-Source clamp voltage
VDS(AZ)
60
65
70
V
ID=10mA
Off-state drain Ccrrent
IDSS
500
nA
VDS=12V, VIN=0V
Off-state drain current
IDSS
1
μA
VDS=36V, VIN=0V
Input threshold voltage
VIN(th)
0.7
1
1.5
V
VDS=VGS, ID=1mA
Input current
IIN
60
100
μA
VIN=+3V
Input current
IIN
120
200
μA
VIN=+5V
Input current while over
temperature active
220
μA
VIN=+5V
Static Drain-Source on-state
resistance
RDS(on)
400
600
m
Ω
VIN=+3V, ID=0.5A
Static Drain-Source on-state
resistance
RDS(on)
350
500
m
Ω
VIN=+5V, ID=0.5A
Continuous drain current(a)
ID
0.9
A
VIN=3V; TA=25°C
Continuous drain cCurrent
(a)
ID
1.0
A
VIN=5V; TA=25°C
Continuous drain current (b)
ID
1.2
A
VIN=3V; TA=25°C
Continuous drain current (b)
ID
1.3
A
VIN=5V; TA=25°C
Current limit
ID(LIM)
0.7
1.7
A
VIN=+3V,
Current limit (c)
ID(LIM)
12.2
A
VIN=+5V
Dynamic characteristics
Turn-on delay time
td(on)
5
μs
VDD=12V, ID=0.5A,
VGS=5V
Rise time
tr
10
μs
Turn-off delay time
td(off)
45
μs
Fall time
ff
15
μs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com