Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMS6004FF Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXMS6004FF
Description  60V N-channel self protected enhancement mode Intellifet MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMS6004FF Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXMS6004FF Datasheet HTML 1Page - Diodes Incorporated ZXMS6004FF Datasheet HTML 2Page - Diodes Incorporated ZXMS6004FF Datasheet HTML 3Page - Diodes Incorporated ZXMS6004FF Datasheet HTML 4Page - Diodes Incorporated ZXMS6004FF Datasheet HTML 5Page - Diodes Incorporated ZXMS6004FF Datasheet HTML 6Page - Diodes Incorporated ZXMS6004FF Datasheet HTML 7Page - Diodes Incorporated ZXMS6004FF Datasheet HTML 8Page - Diodes Incorporated ZXMS6004FF Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ZXMS6004FF
Issue 1 - December 2008
4
www.zetex.com
© Diodes Incorporated, 2008
www.diodes.com
Recommended operating conditions
The ZXMS6004FF is optimised for use with µC operating from 3.3V and 5V supplies.
Characteristics
Symbol
Description
Min
Max
Units
VIN
Input voltage range
0
5.5
V
TA
Ambient temperature range
-40
125
°C
VIH
High level input voltage for MOSFET to be on
3
5.5
V
VIL
Low level input voltage for MOSFET to be off
0
0.7
V
VP
Peripheral supply voltage (voltage to which load is referred)
0
36
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com