Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMS6004FF Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXMS6004FF
Description  60V N-channel self protected enhancement mode Intellifet MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMS6004FF Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXMS6004FF Datasheet HTML 1Page - Diodes Incorporated ZXMS6004FF Datasheet HTML 2Page - Diodes Incorporated ZXMS6004FF Datasheet HTML 3Page - Diodes Incorporated ZXMS6004FF Datasheet HTML 4Page - Diodes Incorporated ZXMS6004FF Datasheet HTML 5Page - Diodes Incorporated ZXMS6004FF Datasheet HTML 6Page - Diodes Incorporated ZXMS6004FF Datasheet HTML 7Page - Diodes Incorporated ZXMS6004FF Datasheet HTML 8Page - Diodes Incorporated ZXMS6004FF Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Issue 1 - December 2008
1
www.zetex.com
© Diodes Incorporated, 2008
www.diodes.com
A Product Line of
Diodes Incorporated
ZXMS6004FF
60V N-channel self protected enhancement mode
Intellifet MOSFET
Summary
Continuous drain source voltage
60 V
On-state resistance
500 m
Ω
Nominal load current (VIN = 5V)
1.3 A
Clamping energy
90mJ
Description
The ZXMS6004FF is a self protected low side MOSFET with logic level
input. It integrates over-temperature, over-current, over-voltage (active
clamp) and ESD protected logic level functionality. The ZXMS6004FF is
ideal
as
a
general
purpose
switch
driven
from
3.3V
or
5V
microcontrollers in harsh environments where standard MOSFETs are
not rugged enough.
Features
•
Compact high power dissipation package
•
Low input current
•
Logic Level Input (3.3V and 5V)
•
Short circuit protection with auto restart
•
Over voltage protection (active clamp)
•
Thermal shutdown with auto restart
•
Over-current protection
•
Input Protection (ESD)
•
High continuous current rating
Ordering information
Device
Part mark
Reel size
(inches)
Tape width
(mm)
Quantity per reel
ZXMS66004FFTA
1K6
7
12 embossed
3,000 units
D
S
IN
Pinout - top view


Similar Part No. - ZXMS6004FF

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
ZXMS6004FF KEXIN-ZXMS6004FF Datasheet
558Kb / 5P
N-Channel Self Protected Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMS6004FFQ DIODES-ZXMS6004FFQ Datasheet
421Kb / 9P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
Rev 4
ZXMS6004FFQ-7 DIODES-ZXMS6004FFQ-7 Datasheet
688Kb / 9P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE IntelliFET MOSFET
April 2022 Rev. 1 - 2
ZXMS6004FFQTA DIODES-ZXMS6004FFQTA Datasheet
421Kb / 9P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
Rev 4
ZXMS6004FFTA DIODES-ZXMS6004FFTA Datasheet
420Kb / 10P
60V N-channel self protected enhancement mode Intellifet MOSFET
DECEMBER 2008
More results

Similar Description - ZXMS6004FF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BSP75G ETC1-BSP75G Datasheet
68Kb / 4P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE IntelliFET??MOSFET
logo
Diodes Incorporated
ZXMS6004DT8 DIODES-ZXMS6004DT8 Datasheet
241Kb / 9P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET??MOSFET
DS32245 Rev. 1 - 2
ZXMS6005DG DIODES-ZXMS6005DG Datasheet
561Kb / 9P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET??MOSFET
DS32247 Rev. 1 - 2
ZXMS6005DT8 DIODES-ZXMS6005DT8 Datasheet
252Kb / 9P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET??MOSFET
DS32248 Rev. 1 - 2
ZXMS6005SG DIODES-ZXMS6005SG Datasheet
562Kb / 9P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET??MOSFET
DS32249 Rev. 1 - 2
ZXMS6004FFTA DIODES-ZXMS6004FFTA Datasheet
420Kb / 10P
60V N-channel self protected enhancement mode Intellifet MOSFET
DECEMBER 2008
ZXMS6004DGTA DIODES-ZXMS6004DGTA Datasheet
485Kb / 10P
60V N-channel self protected enhancement mode Intellifet MOSFET
DECEMBER 2008
ZXMS6005N8 DIODES-ZXMS6005N8 Datasheet
684Kb / 8P
60V N-CHANNEL SELF-PROTECTED ENHANCEMENT MODE IntelliFET MOSFET
June 2017
ZXMS6004DGQ-13 DIODES-ZXMS6004DGQ-13 Datasheet
711Kb / 8P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET MOSFET
Rev. 1 - 2
ZXMS6006DGQ-13 DIODES-ZXMS6006DGQ-13 Datasheet
789Kb / 8P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE IntelliFET MOSFET
Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com