Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMS6004FF Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZXMS6004FF
Description  60V N-channel self protected enhancement mode Intellifet MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMS6004FF Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button ZXMS6004FF Datasheet HTML 2Page - Diodes Incorporated ZXMS6004FF Datasheet HTML 3Page - Diodes Incorporated ZXMS6004FF Datasheet HTML 4Page - Diodes Incorporated ZXMS6004FF Datasheet HTML 5Page - Diodes Incorporated ZXMS6004FF Datasheet HTML 6Page - Diodes Incorporated ZXMS6004FF Datasheet HTML 7Page - Diodes Incorporated ZXMS6004FF Datasheet HTML 8Page - Diodes Incorporated ZXMS6004FF Datasheet HTML 9Page - Diodes Incorporated ZXMS6004FF Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ZXMS6004FF
Issue 1 - December 2008
6
www.zetex.com
© Diodes Incorporated, 2008
www.diodes.com
Electrical characteristics - continued
Note:
(a) Over-temperature protection is designed to prevent device destruction under fault conditions. Fault conditions are
considered as “outside” normal operating range, so this part is not designed to withstand over-temperature for
extended periods..
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Over-temperature protection
Thermal overload trip
temperature (a)
TJT
150
175
°C
Thermal hysteresis (a)
10
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com