Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRDS2 Datasheet(PDF) 2 Page - ASM GmbH

Part # PRDS2
Description  Angle Sensors and Encoders Contents
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PRDS2 Datasheet(HTML) 2 Page - ASM GmbH

  PRDS2 Datasheet HTML 1Page - ASM GmbH PRDS2 Datasheet HTML 2Page - ASM GmbH PRDS2 Datasheet HTML 3Page - ASM GmbH PRDS2 Datasheet HTML 4Page - ASM GmbH PRDS2 Datasheet HTML 5Page - ASM GmbH PRDS2 Datasheet HTML 6Page - ASM GmbH PRDS2 Datasheet HTML 7Page - ASM GmbH PRDS2 Datasheet HTML 8Page - ASM GmbH PRDS2 Datasheet HTML 9Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image

CAT-PR/PT-E-07
ASM
www.asm-sensor.com
The information presented in this catalog does not form part of any quotation or contract, is believed to be accurate and reliable and may
be changed without notice. No liability will be accepted by ASM for any consequence of its use.
Publication thereof does not convey nor imply any license under patent or industrial or intellectual property rights.
Applications that are described herein for any of these products are for illustrative purpose only. ASM makes no representation or warranty
that such applications will be suitable for the specified use without further testing or modification.
Contents
Page
Model Selection Guide for POSIROT® and POSITILT®
3
The Company and the Products
4
POSIROT® and POSITILT® – The Functional Principles
5
PRAS1
Magnetic angle sensor, external magnet, with analog output
6
PRDS1
Magnetic angle encoder, external magnet, with incremental or SSI output
7/8
PRAS2
Magnetic angle sensor, external magnet, with analog output
10
PRDS2
Magnetic angle encoder, external magnet, with incremental or SSI output
11/1
PRAS20 / 21
Magnetic angle sensor, external magnet, voltage output
16
PRAS3
Magnetic angle sensor, solid or hollow shaft, with analog output
18
PRDS3
Magnetic angle encoder, solid or hollow shaft, with incremental or SSI output
19/0
PRAS4
Magnetic angle sensor, shaft or non-contact, with analog output

PTAS2
Magnetic inclination sensor with analog output
4
Output specifications
   I1, U, U6
4 ... 0 mA (3 wire); 0.5 ... 10 V; 0.5 ... 4.5 V
6
   Output signal for magnetic angle sensors
7
   RS4
Incremental output RS4 compatible
8
   SSI
Synchronous serial
9
Accessories
   Position magnets
30
   Mounting plates
31
   Connector cables
3
PMIS4/PMIR4
Magnetic incremental encoder
34
PMIS4/PMIR5
Magnetic incremental encoder
40
PRODIS-ADC
Digital process meter for analog sensors
4
PRODIS-INC
Digital process meter for incremental sensors
44
PRODIS-SSI
Digital process meter for sensors with SSI output
46
Other ASM products
50
POSIROT ® / POSITILT ®
Angle Sensors and Encoders 
Contents



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com