Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRDS2 Datasheet(PDF) 36 Page - ASM GmbH

Part # PRDS2
Description  Angle Sensors and Encoders Contents
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PRDS2 Datasheet(HTML) 36 Page - ASM GmbH

Back Button PRDS2 Datasheet HTML 32Page - ASM GmbH PRDS2 Datasheet HTML 33Page - ASM GmbH PRDS2 Datasheet HTML 34Page - ASM GmbH PRDS2 Datasheet HTML 35Page - ASM GmbH PRDS2 Datasheet HTML 36Page - ASM GmbH PRDS2 Datasheet HTML 37Page - ASM GmbH PRDS2 Datasheet HTML 38Page - ASM GmbH PRDS2 Datasheet HTML 39Page - ASM GmbH PRDS2 Datasheet HTML 40Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
36
CAT-PR/PT-E-07
ASM
www.asm-sensor.com
Outline drawing
Output signals
Option Z1
(signal Z)
Cable output dimensions
Connector SUB-D (Pin)
View to connector pins
Signal wiring
Signal name
Cable with 
open end, 
cable color
ConnectorSUB-D,
pin no.
Option
Z0
Z1
Z3 *
15 poles
Excitation +
white
1
Excitation GND (0 V)
brown

B
B
B
green
6
A
A
A
yellow
4
B
B
ERR
grey
7
A
A
–
pink
5
–
Z
Z
blue
8
–
Z
–
red
9
Shield
black
1
Z
= reference pulse
ERR = status signal, periodical approx. 16 Hz, for side tracking and velocity errors
*
= status signal ERR available only with HTL (single ended) output
Connection
Index mark
* = position tolerance of the active
measurement area:
dx = ±1 mm
** = less masking tape
Active measurement area
Status signal
(LED)
Dimensions in mm [inch]
POSIROT ®  
PMIS4, PMIR4
Magnetic incremental encoder
Dimensions informative only.
For guaranteed dimensions
please consult factory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com