Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRDS2 Datasheet(PDF) 46 Page - ASM GmbH

Part # PRDS2
Description  Angle Sensors and Encoders Contents
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PRDS2 Datasheet(HTML) 46 Page - ASM GmbH

Back Button PRDS2 Datasheet HTML 42Page - ASM GmbH PRDS2 Datasheet HTML 43Page - ASM GmbH PRDS2 Datasheet HTML 44Page - ASM GmbH PRDS2 Datasheet HTML 45Page - ASM GmbH PRDS2 Datasheet HTML 46Page - ASM GmbH PRDS2 Datasheet HTML 47Page - ASM GmbH PRDS2 Datasheet HTML 48Page - ASM GmbH PRDS2 Datasheet HTML 49Page - ASM GmbH PRDS2 Datasheet HTML 50Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
PD-SSI
46
CAT-PR/PT-E-07
ASM
www.asm-sensor.com
•  For POSIROT® position sensors with SSI output
•  Integrated sensor supply
•  6-digit LED display
•  RS-232 interface
•  Optional 4 comparator outputs
•  Easy programming
PRODIS-SSI is designed for use with SSI position sensors to display angle and displace-
ment. Via the CLOCK lines, a sequence of pulses will be transmitted, the input DATA lines
will read the sensor´s serial bit sequence. The meter is programmable to display values
within preset start/end range or values in units as inches, mm or degrees. A tare function or
programming lock can be activated with two control terminals.
Sensor excitation is supplied by the meter. With four membrane keys, all parameters can be
programmed for the special applications. Optional comparator functions with 4 NPN open-
collector outputs are available, additional  of them have relay output.
Specifications
Display
6-digit, 7-segment LED, 14 mm high,
decimal point programmable
Sampling rate
100/s
Excitation voltage/current
4 V DC ±10%/150 mA, residual ripple 1%
PP;
85-250 V AC, 50-60 Hz/180 mA max.
Sensor excitation
4 V DC/00 mA or 5 V DC/00 mA
Inputs
DATA, DATA (RS-4)
Outputs
CLOCK, CLOCK (RS-4)
Control inputs
 control inputs 4 V, active low
Comparator outputs (option)
Relay
NPN
50 V AC/5 A, 30 V DC/5 A
4 V max./50 mA to GND
Connection
Terminal strip 1-pole, excitation 3-pole
Operating temperature
-10 ... +40 °C [14 ... +104 °F]
Storage temperature
-0 ... +85 °C [-4 ... +185 °F]
Weight
4 V DC: approx. 50 g; 30 V AC: approx. 400 g
Order Code PRODIS-SSI 
 
 
 
 
Model name
ExcitationVoltage
4VDC = 4 V DC
30VAC = 85...50 V AC
SensorExcitation
G4V
= 4 V DC
G5V
= 5 V DC
Options
REL
= Comparator
DT
= Desktop version
Orderexample:PD-SSI-230VAC-G5V
PRODIS ® 
PD-SSI
Digital process meter for sensors with SSI output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com