Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRDS2 Datasheet(PDF) 41 Page - ASM GmbH

Part # PRDS2
Description  Angle Sensors and Encoders Contents
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PRDS2 Datasheet(HTML) 41 Page - ASM GmbH

Back Button PRDS2 Datasheet HTML 37Page - ASM GmbH PRDS2 Datasheet HTML 38Page - ASM GmbH PRDS2 Datasheet HTML 39Page - ASM GmbH PRDS2 Datasheet HTML 40Page - ASM GmbH PRDS2 Datasheet HTML 41Page - ASM GmbH PRDS2 Datasheet HTML 42Page - ASM GmbH PRDS2 Datasheet HTML 43Page - ASM GmbH PRDS2 Datasheet HTML 44Page - ASM GmbH PRDS2 Datasheet HTML 45Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
ASM
CAT-PR/PT-E-07
41
www.asm-sensor.com
Specifications
Material
Plastic bonded magnetic scale
Base material
Aluminium
Signal periods per revolution
64 / 96 / 160 poles per revolution
Magnetic period
5 mm
Temperature range
-40 ...+10°C (-40 ... -48 °F)
Linearity with sensor PMIS4
Approx. ± 0.1°
Data valid in connection with the sensor PMIS4.
Standard magnet rings
Type
Poles
∅
Height
Signal periods/revolution
Inner diameter ∅
PMIR5-50-64
64
10.3
14
Divisions see table below
Ø83 H7
PMIR5-50-96
96
153.
14
Divisions see table below
On request
PMIR5-50-160
160
55.1
14
Divisions see table below
On request
Positionsmagnet rings with other number of poles, diameters or magnetic periods on request.
Scaling factor
sensor
PMIS4-50- ...
PMIR5-50-64
PMIR5-50-96
PMIR5-50-160
Signal periods
R.p.m. )* 
(at 480 kHz)
Signal periods
R.p.m. )* 
(at 480 kHz)
Signal periods
R.p.m. )* 
(at 480 kHz)
1
64
3000
96
3000
160
3000

18
3000
19
3000
30
3000
4
56
3000
384
3000
640
3000
8
51
3000
768
3000
180
3000
10
640
3000
960
3000
1600
1800
16
104
3000
1536
3000
560
3000
0
180
3000
190
3000
300
1800
5
1600
3000
400
3000
4000
880
3
048
3000
307
3000
510
3000
40
560
3000
3840
3000
6400
1800
50
300
3000
4800
3000
8000
880
64
4096
3000
6144
3000
10 40
50
80
510
3000
7680
3000
1 800
1800
100
6400
3000
9600
400
16 000
1440
15
8000
880
1 000
190
0 000
115
18
819
813
1 88
1875
0 480
115
00
1 800
1800
19 00
100
3 000
70
50
16 000
1440
4 000
960
40 000
576
56
16 384
1406
4 576
938
40 960
563
400
5 600
900
38 400
600
64 000
360
500
3 000
70
48 000
480
80 000
88
51
3 768
703
49 15
469
81 90
81
104
65 536
35
98 304
34
163 840
141
048
131 07
176
196 608
117
37 680
70
)* Maximum r.p.m. mechanically 3.000 U/min
POSIROT ®  
PMIR5
Incremental magnetic wheels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com