Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTAM2 Datasheet(PDF) 2 Page - ASM GmbH

Part # PTAM2
Description  Inclination Sensor with Analog Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PTAM2 Datasheet(HTML) 2 Page - ASM GmbH

  PTAM2 Datasheet HTML 1Page - ASM GmbH PTAM2 Datasheet HTML 2Page - ASM GmbH PTAM2 Datasheet HTML 3Page - ASM GmbH PTAM2 Datasheet HTML 4Page - ASM GmbH PTAM2 Datasheet HTML 5Page - ASM GmbH PTAM2 Datasheet HTML 6Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
KAB-...M-M12/5F/G-M12/5M/G
ASM GmbH
PN-E-09
25
www.asm-sensor.com
Analoginclinationsensorwith1or2axes
inMEMStechnology
Linearoutputoftheinclinationangle
Measurementrange±180°for1axis,±60°for2axes
Contact-free,wearfree,highresolution
Highshockresistance
ProtectionclassIP67/IP69K
CANopenbus
•
•
•
•
•
•
Specifications
Output
CANopen bus (profile „inclination sensor“)
Excitation voltage
8 ... 36 V DC
Measurement range
Single axis: ±5 ... ±180°; dual axis: ±5 ... ±60°
Resolution
0.05 °
Linearity
±0.5°
Settling time
0.1 s ... 2 s, configurable
Stability (temperature)
±100 x 10-6 / °C f.s.
Protection class
IP67/IP69K
EMV Automation
EN 61326:2006
InterfaceCANOP
Communication profile
CANopen CiA 301 V 4.02, Slave
Encoder profile
CiA 410 Inclinometer
Error Control
Node Guarding, Heartbeat, Emergency Message
Node ID
Adjustable via LSS; default 127
PDO
3 TxPDO, 0 RxPDO, no linking, static mapping
PDO Modes
Event-/Time triggered, Remote-request, Sync
cyclic/acyclic
SDO
1 server, 0 client
CAM
2 cams
Certified
Yes
Transmission rates
50 kBaud to 1 MBaud, adjustable via LSS;
default: 125 kBaud
Nodes
127 max.
Bus connection
M12 connector, 5 pins
Integrated bus terminating resistor
No
Bus, galvanic isolated
No
View to sensor connector
Signal wiring /
connection
Signal name
Connectorpin
Shield
1
Excitation +
2
GND
3
CAN-H
4
CAN-L
5
POSITILT®
PTAM2
InclinationSensorwithCANopenOutput
Orderexample:PTAM2-1-180-CANOP-0,1-M12R
Ordercodeconnectorcable



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com