Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTAM2 Datasheet(PDF) 1 Page - ASM GmbH

Part # PTAM2
Description  Inclination Sensor with Analog Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PTAM2 Datasheet(HTML) 1 Page - ASM GmbH

  PTAM2 Datasheet HTML 1Page - ASM GmbH PTAM2 Datasheet HTML 2Page - ASM GmbH PTAM2 Datasheet HTML 3Page - ASM GmbH PTAM2 Datasheet HTML 4Page - ASM GmbH PTAM2 Datasheet HTML 5Page - ASM GmbH PTAM2 Datasheet HTML 6Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PTAM2
KAB-...M-M12/4F/G-LITZE
24
PN-E-09
ASM GmbH
www.asm-sensor.com
Specifications
Output
Voltage 0.5 ... 10 V (linearized)
Current 4 ... 20 mA, 3 wire (linearized)
Excitation voltage
18 ... 36 V DC
Measurement range
Single axis: ±5 ... ±180°; 2 axes: ±5 ... ±60°
Resolution
0.05°
Linearity
0.5 °
Settling time
0.1 s ... 2 s, configurable
Protection class
IP67/IP69K
Connection
5 pin connector M12
Stability (temperature)
±100 x 10-6 / °C f.s.
Environmental
EMC
Refer to output specification
Temperature
Refer to output specification
Analoginclinationsensorwith1or2axes
inMEMStechnology
Linearoutputoftheinclinationangle
Measurementrange±180°for1axis,±60°for2axes
Contact-free,wearfree,highresolution
Highshockresistance
ProtectionclassIP67/IP69K
Analogoutput
•
•
•
•
•
•
POSITILT®
PTAM2
InclinationSensorwithAnalogOutput
Order code PTAM2
Model name
Axisofinclination
1
= Inclination with regard to X axis (mounting X)
2
= Inclination with regard to X und Y axis (mounting XY)
Measuring range
5 ... 180
= 1 axis: ±5 ... ±180° in 5° increments
5 ... 60
= 2 axes: ±5 ... ±60° in 5° increments
Output
U2
= 0.5 ... 10 V
I1
= 4 ... 20 mA
Outputdelay(90 % f.s.)
0,1 ... 2
= 0.1 ... 2 s in 0.1 s increments
Connection
M12R5
= 5 pin socket M12, radial (compatible with 4 pin mating connector)
M12A5
= 5 pin socket M12, axial (compatible with 4 pin mating connector)
Ordercodeconnectorcable
Orderexample:PTAM2-1-180-I1-0,1-M12R5


Similar Part No. - PTAM2

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PTAM20 ASM-SENSOR-PTAM20 Datasheet
228Kb / 1P
Inclination Sensor with Analog Output
PTAM27 ASM-SENSOR-PTAM27 Datasheet
2Mb / 9P
Universal MEMS Inclination Sensor with Analog Output
PTAM27-1-15-L1-CCW ASM-SENSOR-PTAM27-1-15-L1-CCW Datasheet
2Mb / 9P
Universal MEMS Inclination Sensor with Analog Output
PTAM27-1-15-L1-CW ASM-SENSOR-PTAM27-1-15-L1-CW Datasheet
2Mb / 9P
Universal MEMS Inclination Sensor with Analog Output
PTAM27-1-15-U2-CCW ASM-SENSOR-PTAM27-1-15-U2-CCW Datasheet
2Mb / 9P
Universal MEMS Inclination Sensor with Analog Output
More results

Similar Description - PTAM2

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PTAM20 ASM-SENSOR-PTAM20 Datasheet
228Kb / 1P
Inclination Sensor with Analog Output
PTAS2 ASM-SENSOR-PTAS2 Datasheet
684Kb / 7P
Magnetic inclination sensor with analog output
PTAM5 ASM-SENSOR-PTAM5 Datasheet
2Mb / 10P
Extremely robust Inclination Sensor with Analog Output
PTAM27 ASM-SENSOR-PTAM27 Datasheet
2Mb / 9P
Universal MEMS Inclination Sensor with Analog Output
logo
Pepperl+Fuchs Inc.
INX360D-F99-U2E2-V15 PF-INX360D-F99-U2E2-V15 Datasheet
1Mb / 6P
Inclination sensor
INX360DH-F199-B16-2V15 PF-INX360DH-F199-B16-2V15 Datasheet
733Kb / 3P
Inclination sensor
INY030D-F99-B16-V15 PF-INY030D-F99-B16-V15 Datasheet
904Kb / 5P
Inclination sensor
INX360D-F99-I2E2-V15-EX PF-INX360D-F99-I2E2-V15-EX Datasheet
1Mb / 5P
Inclination sensor
INY360D-F99-2U2E2-5M PF-INY360D-F99-2U2E2-5M Datasheet
1Mb / 6P
Inclination sensor
INY360D-F99-2U2E2-V17 PF-INY360D-F99-2U2E2-V17 Datasheet
1Mb / 6P
Inclination sensor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com