Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTAM2 Datasheet(PDF) 4 Page - ASM GmbH

Part # PTAM2
Description  Inclination Sensor with Analog Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PTAM2 Datasheet(HTML) 4 Page - ASM GmbH

  PTAM2 Datasheet HTML 1Page - ASM GmbH PTAM2 Datasheet HTML 2Page - ASM GmbH PTAM2 Datasheet HTML 3Page - ASM GmbH PTAM2 Datasheet HTML 4Page - ASM GmbH PTAM2 Datasheet HTML 5Page - ASM GmbH PTAM2 Datasheet HTML 6Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
+24V
Analog Out X
Analog Out Y
GND
1 / br
2 / ws
4 / sw
3 / bl
(CCW)
(CW)
ASM GmbH
PN-E-09
27
www.asm-sensor.com
POSITILT®
PTAM2
InclinationSensor
Connectorsund
connectorcables
4-pinconnectorwith
oneortwoanalog
outputs
Pin no.
Wirecoloraccordingto
VDE0293-308
Signal name
1
Brown
+U
B
2
White
Analog output X (x-inclination)
3
Blue
GND
4
Black
Analog output Y (y-inclination as option)
(5) 4-pin compatible
Grey
Do not connect!
brown
white
black
blue
1axis
2axes
+U
B



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com