Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTAM2 Datasheet(PDF) 5 Page - ASM GmbH

Part # PTAM2
Description  Inclination Sensor with Analog Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PTAM2 Datasheet(HTML) 5 Page - ASM GmbH

  PTAM2 Datasheet HTML 1Page - ASM GmbH PTAM2 Datasheet HTML 2Page - ASM GmbH PTAM2 Datasheet HTML 3Page - ASM GmbH PTAM2 Datasheet HTML 4Page - ASM GmbH PTAM2 Datasheet HTML 5Page - ASM GmbH PTAM2 Datasheet HTML 6Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PRPT-BPL2
PRPT-BPL3
33 [1.299]
Ø
42
[1.6
54]
4 [.157]
55 [2.165]
3x M2,5
90
°
11
0°
3x M4
48
[1.890
]
33 [1.299]
Ø
40 [1.575]
42
[1.65
4]
5
,5
[.2
17
]
4 [.157]
55 [2.165]
3x M2,5
90°
110
°
3x M4
48 [1
.890]
PRPT-BPL1
ASM
CAT-PR/PT-E-08
31
www.asm-sensor.com
Weight 30 g approx.
Dimensions informative only.
For guaranteed dimensions please consult factory.
Dimensions in mm [inch]
(screw mounting)
For PRAS2, PRDS2,
PRAS3, PRDS3, PTAS2
(welding assembly)
For PRAS2, PRDS2,
PRAS3, PRDS3, PTAS2
For PRAS3, PRDS3
POSIROT®
Accessories
Mounting plates
In combination with the
mounting clamps
PRPT-BFS1.
In combination with the
mounting clamps
PRPT-BFS1.
In combination with the
mounting brackets
PRPT-BFS2.
In combination with the
mounting brackets
PRPT-BFS2.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com