Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4521 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # THS4521
Description  VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4521 Datasheet(HTML) 27 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 23Page - Texas Instruments THS4521 Datasheet HTML 24Page - Texas Instruments THS4521 Datasheet HTML 25Page - Texas Instruments THS4521 Datasheet HTML 26Page - Texas Instruments THS4521 Datasheet HTML 27Page - Texas Instruments THS4521 Datasheet HTML 28Page - Texas Instruments THS4521 Datasheet HTML 29Page - Texas Instruments THS4521 Datasheet HTML 30Page - Texas Instruments THS4521 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
Low-Power Applications and the Effects of
Frequency Response Variation due to
6
3
0
3
6
9
12
15
18
21
24
-
-
-
-
-
-
-
-
0.1
1
10
100
1000
Frequency(MHz)
SMALL-SIGNALFREQUENCYRESPONSE
DeviceandPackageOptionComparison
V
=5.0V
Gain=1V/V
S+
R =1k
R =1k
F
L
W
W
THS4522,
THS4524
THS4521
MSOP
THS4521
SOIC
6
3
0
3
6
9
12
15
18
21
24
-
-
-
-
-
-
-
-
0.1
1
10
100
1000
Frequency(MHz)
SMALL-SIGNALFREQUENCYRESPONSE
Gain=1,R =R =R =1k ,10k ,100k
F
G
L
W
W
W
1kW
10kW
100kW
V
=5.0V
V =100mV
Gain=1V/V
S+
O
PP
THS4521
THS4522
THS4524
www.ti.com.................................................................................................................................................... SBOS458B – DECEMBER 2008 – REVISED MAY 2009
Resistor Values on Bandwidth
Package Options
For low-power operation, it may be necessary to
Users can see variations in the small-signal (VOUT =
increase the gain setting resistors values to limit
100 mVPP) frequency response between the available
current consumption and not load the source. Using
package options for the THS4521, THS4522, and
larger value resistors lowers the bandwidth of the
THS4524 family as a result of parasitic elements
THS4521, THS4522, and THS4524 family as a result
associated with each package and board layout
of the interactions between the resistors, the device
changes. Figure 65 shows the variance measured in
parasitic capacitance, and printed circuit board (PCB)
the lab; this variance is to be expected even when
parasitic
capacitance.
Figure
64
shows
the
using a good layout.
small-signal frequency response with 1-k
Ω, 10-kΩ,
and 100-k
Ω resistors for RF, RG, and RL (impedance
is assumed to typically increase for all three resistors
in low-power applications).
Figure 65. Small-Signal Frequency Response:
Package Variations
Figure 64. THS4521 Frequency Response with
Various Gain Setting and Load Resistor Values
space
space
space
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): THS4521 THS4522 THS4524



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com