Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4521 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # THS4521
Description  VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4521 Datasheet(HTML) 32 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 28Page - Texas Instruments THS4521 Datasheet HTML 29Page - Texas Instruments THS4521 Datasheet HTML 30Page - Texas Instruments THS4521 Datasheet HTML 31Page - Texas Instruments THS4521 Datasheet HTML 32Page - Texas Instruments THS4521 Datasheet HTML 33Page - Texas Instruments THS4521 Datasheet HTML 34Page - Texas Instruments THS4521 Datasheet HTML 35Page - Texas Instruments THS4521 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
EVM AND LAYOUT RECOMMENDATIONS
TP2
TP3
C
3
0.1 F
m
C603
C0805
C
5
0.1 F
m
C
8
10 F
m
C
7
10 F
m
V
S-
J4
V
S-
C
12
0.1 F
m
C603
C0805
C
11
0.1 F
m
C
9
10 F
m
C
10
10 F
m
V
S+
V
S+
J8
V
S+
C
15
Open
C
16
Open
C
13
Open
C
14
Open
V
S-
J5
GND
R
1
R
2
R
12
1kW
R
13
1kW
R
14
1kW
R
15
1kW
R
25
0W
J9
J10
R
26
R
16
487W
R
20
52.3W
R
17
487W
R
22
2
1
3
5
6
4
R
21
R
7
5
4
6
2
3
1
R
3
R
4
0W
R
6
49.9W
C
1
0.22 F
m
R
8
C
2
C
4
0.22 F
m
V
S-
V
S-
V
S+
R
23
R
18
R
24
0W
R
9
R
5
0W
R
10
52.3W
R
11
52.3W
J6
R
19
J7
J1
J2
T2
T1
TP1
V
OUT+
V
OUT-
4
5
6
3
1
8
7
2
PW
CM
J11
JP1
J3
C
6
0.22 F
m
THS4521
THS4522
THS4524
SBOS458B – DECEMBER 2008 – REVISED MAY 2009.................................................................................................................................................... www.ti.com
Figure 77 shows the THS4521EVM schematic. PCB layers 1 through 4 are shown in Figure 78; Table 6 lists the
bill of materials for the THS4521EVM as supplied from TI. It is recommended to follow the layout of the external
components near to the amplifier, ground plane construction, and power routing as closely as possible. Follow
these general guidelines:
1. Signal routing should be direct and as short as possible into and out of the op amp circuit.
2. The feedback path should be short and direct.
3. Ground or power planes should be removed from directly under the amplifier input and output pins.
4. An output resistor is recommended in each output lead, placed as near to the output pins as possible.
5. Two 0.1-
µF power-supply decoupling capacitors should be placed as near to the power-supply pins as
possible.
6. Two 10-
µF power-supply decoupling capacitors should be placed within 1 inch of the device and can be
shared among multple analog devices.
7. A 0.22-
µF capacitor should be placed between the V
OCM input pin and ground near to the pin. This capacitor
limits noise coupled into the pin.
8. The PD pin uses TTL logic levels; a bypass capacitor is not necessary if actively driven, but can be used for
robustness in noisy environments whether driven or not.
9. If input termination resistors R10 and R11 are used, a single point connection to ground on L2 is
recommended.
Figure 77. THS4521EVM: Schematic
32
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): THS4521 THS4522 THS4524



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com