Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4521 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # THS4521
Description  VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4521 Datasheet(HTML) 28 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 24Page - Texas Instruments THS4521 Datasheet HTML 25Page - Texas Instruments THS4521 Datasheet HTML 26Page - Texas Instruments THS4521 Datasheet HTML 27Page - Texas Instruments THS4521 Datasheet HTML 28Page - Texas Instruments THS4521 Datasheet HTML 29Page - Texas Instruments THS4521 Datasheet HTML 30Page - Texas Instruments THS4521 Datasheet HTML 31Page - Texas Instruments THS4521 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
Driving Capacitive Loads
1k
100
10
1
10
100
1000
C
(pF)
LOAD
RECOMMENDEDR vsC
ForFlatFrequencyResponse
O
LOAD
V
=5.0V
Gain=1V/V
S+
PP
R =1k
R =1k
Differential
V
=100mV
F
L
OUT
W
W
0.1
1
10
100
1000
Frequency(MHz)
5
0
5
10
15
20
25
-
-
-
-
-
FREQUENCYRESPONSEvsC
LOAD
R =124
C =10pF
eachoutput
W
O
L
R =37.5
C =100pFeachoutput
W
O
L
R =7.15
C =1000pFeachoutput
W
O
L
R =150
C =4.7pF
eachoutput
W
O
L
V
=5.0V,Gain=1V/V
S+
PP
R =1k
differential
R =1k
V
=100mV
F
L
OUT
W
W
THS4521
THS4522
THS4524
SBOS458B – DECEMBER 2008 – REVISED MAY 2009.................................................................................................................................................... www.ti.com
The THS4521, THS4522, and THS4524 family is
designed for a nominal capacitive load of 1 pF on
each output to ground. When driving capacitive loads
greater than 1 pF, it is recommended to use small
resistors (RO) in series with the output, placed as
close
to
the
device
as
possible.
Without
RO,
capacitance on the output interacts with the output
impedance of the amplifier and causes phase shift in
the loop gain of the amplifier that reduces the phase
margin.
This reduction in phase margin results in frequency
response peaking; overshoot, undershoot, and/or
ringing when a step or square-wave signal is applied;
and may lead to instability or oscillation. Inserting RO
isolates the phase shift from the loop gain path and
restores
the
phase
margin,
but
it
also
limits
bandwidth. Figure 66 shows the recommended
Figure 66. Recommended Series Output Resistor
values of RO versus capacitive loads (CL). Figure 67
versus Capacitive Load for Flat Frequency
shows the frequency response with various values.
Response, with RLOAD = 1 kΩ
Figure 67. Frequency Response for Various RO
and CL Values, with RLOAD = 1 kΩ
28
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): THS4521 THS4522 THS4524



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com