Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4521 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # THS4521
Description  VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4521 Datasheet(HTML) 30 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 26Page - Texas Instruments THS4521 Datasheet HTML 27Page - Texas Instruments THS4521 Datasheet HTML 28Page - Texas Instruments THS4521 Datasheet HTML 29Page - Texas Instruments THS4521 Datasheet HTML 30Page - Texas Instruments THS4521 Datasheet HTML 31Page - Texas Instruments THS4521 Datasheet HTML 32Page - Texas Instruments THS4521 Datasheet HTML 33Page - Texas Instruments THS4521 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
ADC Driver Performance:
0
20
40
60
80
100
120
140
160
-
-
-
-
-
-
-
-
0
4
8
12
16
20
24 26
Frequency(kHz)
1-kHzFFT
G=1
R =R =1k
C =1.5nF
V =5V
Load=2x49.9
+2.2nF
F
G
F
S
W
W
THS4521
ADS1278 (CH1)
V
OCM
5V
V
COM
2.2nF
AINN1
AINP1
x1
1/2
OPA2350
1.5nF
1.5nF
V
IN+
V
IN-
1kW
1kW
1kW
49.9 W
49.9 W
0.1 F
m
0.1 F
m
1kW
0
20
40
60
80
100
120
140
160
-
-
-
-
-
-
-
-
0
4
8
12
16
20
24 26
Frequency(kHz)
10-kHzFFT
G=1
R =R =1k
C =1.5nF
V =5V
Load=2x49.9
+2.2nF
F
G
F
S
W
W
THS4521
THS4522
THS4524
SBOS458B – DECEMBER 2008 – REVISED MAY 2009.................................................................................................................................................... www.ti.com
THS4521 and ADS1278 Combined
Performance
The THS4521 provides excellent performance when
driving
high-performance
delta-sigma
(
ΔΣ)
and
successive approximation register (SAR) ADCs in
audio and industrial applications using a single 3-V to
5-V power supply. To show achievable performance,
the THS4521 is tested as the drive amplifier for the
ADS1278 24-bit ADC. The ADS1278 offers excellent
ac and dc performance, with four selectable operating
modes from 10 kSPS to 128 kSPS to enable the user
to fine-tune performance and power for specific
application needs. The circuit shown in Figure 71 was
used to test the performance. Data were taken using
the High-Resolution mode (52 kSPS) of the ADS1278
with input frequencies at 1 kHz and 10 kHz and
Figure 72. 1-kHz FFT
signal levels 1/2 dB below full-scale (–0.5 dBFS). FFT
plots showing the spectral performance are given in
Figure 72 and Figure 73; tabulated ac analysis results
are shown in Table 4.
Figure 71. THS4521 and ADS1278 (Ch 1) Test
Circuit
Figure 73. 10-kHz FFT
Table 4. AC Analysis
Tone
Signal
SNR
THD
SINAD
SFDR
(Hz)
(dBFS)
(dBc)
(dBc)
(dBc)
(dBc)
1 k
–0.50
109.1
–107.9
105.5
113.7
10 k
–0.50
101.8
–109.8
101.1
109.8
30
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): THS4521 THS4522 THS4524



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com