Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2003U/10AC/1 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCA2003U/10AC/1
Description  32 kHz watch circuit with programmable adaptive motor pulse and pulse period
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2003U/10AC/1 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCA2003U/10AC/1 Datasheet HTML 11Page - NXP Semiconductors PCA2003U/10AC/1 Datasheet HTML 12Page - NXP Semiconductors PCA2003U/10AC/1 Datasheet HTML 13Page - NXP Semiconductors PCA2003U/10AC/1 Datasheet HTML 14Page - NXP Semiconductors PCA2003U/10AC/1 Datasheet HTML 15Page - NXP Semiconductors PCA2003U/10AC/1 Datasheet HTML 16Page - NXP Semiconductors PCA2003U/10AC/1 Datasheet HTML 17Page - NXP Semiconductors PCA2003U/10AC/1 Datasheet HTML 18Page - NXP Semiconductors PCA2003U/10AC/1 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
PCA2003_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 21 July 2009
15 of 21
NXP Semiconductors
PCA2003
32 kHz watch circuit with programmable adaptive motor pulse
8.
Limiting values
[1]
When writing to the OTP cells, the supply voltage (VDD) can be raised to a maximum of 12 V for a time period of 1 s.
[2]
Connecting the battery with reversed polarity does not destroy the circuit, but in this condition a large current flows, which rapidly
discharges the battery.
[3]
Pass level; Human Body Model (HBM) according to JESD22-A114.
[4]
Pass level; Machine Model (MM), according to JESD22-A115.
[5]
Pass level; Latch-up testing, according to JESD78.
[6]
According to the NXP store and transport conditions (document
SNW-SQ-623) the devices have to be stored at a temperature of +5
°C
to +45
°C and a humidity of 25 % to 75 %.
Table 9.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
VSS =0V
[1][2]
−1.8
+7.0
V
VI
input voltage
on all supply pins
−0.5
+7.5
V
tsc
short circuit duration time
output
-
indefinite
s
Tamb
ambient temperature
−10
+60
°C
VESD
electrostatic discharge voltage
HBM
[3] -
±2000
V
MM
[4] -
±200
V
Ilu
latch-up current
[5] -
100
mA
Tstg
storage temperature
[6]
−30
+100
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com