Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2003U/10AC/1 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCA2003U/10AC/1
Description  32 kHz watch circuit with programmable adaptive motor pulse and pulse period
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2003U/10AC/1 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCA2003U/10AC/1 Datasheet HTML 8Page - NXP Semiconductors PCA2003U/10AC/1 Datasheet HTML 9Page - NXP Semiconductors PCA2003U/10AC/1 Datasheet HTML 10Page - NXP Semiconductors PCA2003U/10AC/1 Datasheet HTML 11Page - NXP Semiconductors PCA2003U/10AC/1 Datasheet HTML 12Page - NXP Semiconductors PCA2003U/10AC/1 Datasheet HTML 13Page - NXP Semiconductors PCA2003U/10AC/1 Datasheet HTML 14Page - NXP Semiconductors PCA2003U/10AC/1 Datasheet HTML 15Page - NXP Semiconductors PCA2003U/10AC/1 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
PCA2003_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 21 July 2009
12 of 21
NXP Semiconductors
PCA2003
32 kHz watch circuit with programmable adaptive motor pulse
7.8 Checking memory content
The stored data of the OTP array can be checked bit wise by measuring the supply
current. The array word is selected by the instruction state and the bit is addressed by the
shift register.
To read a word, the word is first selected (td =t1), and a logic 1 is written into the first cell
of the shift register (td =t3). This logic 1 is then shifted through the entire shift register
(td =t2), so that it points with each clock pulse to the next bit.
If the addressed OTP cell contains a logic 1, a 30 k
Ω resistor is connected between V
DD
and VSS, which increases the supply current accordingly.
Figure 8 shows the supply voltage modulation for reading word B, with the corresponding
supply current variation for word B = 110101 (sequence: first MSB and last LSB).
VDD(nom): nominal supply voltage.
(1)
Fig 8.
Supply voltage modulation and corresponding supply current variation for
reading word B
VDD(nom)
VDD
VP(mod)
(1)
VSS
t0
mgw357
IDD
t1 t1
t3
t2
t1
t2
t2
t2
t2
VP(prog)(start)
tp(start)
VP(prog)(stop)
tp(stop)
∆I
DD
V
DD
30 k
Ω
---------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com