Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2003U/10AC/1 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA2003U/10AC/1
Description  32 kHz watch circuit with programmable adaptive motor pulse and pulse period
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2003U/10AC/1 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA2003U/10AC/1 Datasheet HTML 1Page - NXP Semiconductors PCA2003U/10AC/1 Datasheet HTML 2Page - NXP Semiconductors PCA2003U/10AC/1 Datasheet HTML 3Page - NXP Semiconductors PCA2003U/10AC/1 Datasheet HTML 4Page - NXP Semiconductors PCA2003U/10AC/1 Datasheet HTML 5Page - NXP Semiconductors PCA2003U/10AC/1 Datasheet HTML 6Page - NXP Semiconductors PCA2003U/10AC/1 Datasheet HTML 7Page - NXP Semiconductors PCA2003U/10AC/1 Datasheet HTML 8Page - NXP Semiconductors PCA2003U/10AC/1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
PCA2003_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 21 July 2009
2 of 21
NXP Semiconductors
PCA2003
32 kHz watch circuit with programmable adaptive motor pulse
3.
Applications
I Driver circuits for bipolar stepping motors
I High immunity motor drive circuits
4.
Ordering information
[1]
Version AC: enhanced oscillator performance; to be used for new designs.
[2]
Packing method: bare die; chip on film frame carrier.
5.
Block diagram
Table 1.
Ordering information
Type number[1]
Package
Name
Description
Version
PCA2003U/10AA/1
PCA200xU
wire bond die; 8 bonding pads;
1.16
× 0.86 × 0.22 mm[2]
PCA200xU
PCA2003U/10AC/1
PCA200xU
wire bond die; 8 bonding pads;
1.16
× 0.86 × 0.22 mm[2]
PCA200xU
Fig 1.
Block diagram
001aai168
÷4
MOT2
MOT1
8
3
5
1
2
67
RESET
4
VDD
VSS
VOLTAGE DETECTOR,
OTP-CONTROLLER
MOTOR CONTROL WITH
ADAPTIVE PULSE MODULATION
STEP
DETECTION
PCA2003
DIVIDER
RESET
reset
32 Hz
1 Hz
8 kHz
OSCILLATOR
OSCIN
OSCOUT
i.c.
OTP-MEMORY
TIMING ADJUSTMENT,
INHIBITION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com