Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2003U/10AC/1 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA2003U/10AC/1
Description  32 kHz watch circuit with programmable adaptive motor pulse and pulse period
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2003U/10AC/1 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA2003U/10AC/1 Datasheet HTML 9Page - NXP Semiconductors PCA2003U/10AC/1 Datasheet HTML 10Page - NXP Semiconductors PCA2003U/10AC/1 Datasheet HTML 11Page - NXP Semiconductors PCA2003U/10AC/1 Datasheet HTML 12Page - NXP Semiconductors PCA2003U/10AC/1 Datasheet HTML 13Page - NXP Semiconductors PCA2003U/10AC/1 Datasheet HTML 14Page - NXP Semiconductors PCA2003U/10AC/1 Datasheet HTML 15Page - NXP Semiconductors PCA2003U/10AC/1 Datasheet HTML 16Page - NXP Semiconductors PCA2003U/10AC/1 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
PCA2003_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 21 July 2009
13 of 21
NXP Semiconductors
PCA2003
32 kHz watch circuit with programmable adaptive motor pulse
7.9 Frequency tuning of assembled watch
Figure 9 shows the test set-up for frequency tuning the assembled watch.
7.10 Measurement of oscillator frequency and inhibition time
The output of the two measuring states can either be monitored directly at pad RESET or
as a modulation of the supply voltage (a modulating resistor of 30 k
Ω is connected
between VDD and VSS when the signal at pad RESET is at HIGH-level).
The supply voltage modulation must be followed as shown in Figure 10 in order to
guarantee the correct start-up of the circuit during production and testing.
Measuring states:
Fig 9.
Frequency tuning the assembled watch
mgw568
FREQUENCY
COUNTER
PROGRAMMABLE
DC POWER SUPPLY
PC INTERFACE
PC
M
motor
32 kHz
PCA200x
battery
VDD(nom): nominal supply voltage.
Fig 10. Supply voltage at start-up during production and testing
VDD
VP(prog)(stop)
td(start) > 500 ms
VSS
VDD(nom)
001aac503
tp(stop)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com