Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA2065A Datasheet(PDF) 7 Page - STMicroelectronics

Part # STA2065A
Description  Cartesio??family infotainment application processor with embedded GPS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2065A Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STA2065A Datasheet HTML 3Page - STMicroelectronics STA2065A Datasheet HTML 4Page - STMicroelectronics STA2065A Datasheet HTML 5Page - STMicroelectronics STA2065A Datasheet HTML 6Page - STMicroelectronics STA2065A Datasheet HTML 7Page - STMicroelectronics STA2065A Datasheet HTML 8Page - STMicroelectronics STA2065A Datasheet HTML 9Page - STMicroelectronics STA2065A Datasheet HTML 10Page - STMicroelectronics STA2065A Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
STA2065
System description
Doc ID16050 Rev 1
7/20
2.4.2
SD/MMC
STA2065 features three SD/SDIO/MMC interfaces up to 52 MHz / 8-bit. The main clock
available to the peripherals is:
●
PLL2CLK/13 (when PLL2CLK is 624 MHz and SRC_MMC52 = 0, 48 MHz will be
generated)
●
PLL2CLK/12 (when PLL2CLK is 624 MHz and SRC_MMC = 1, 52 MHz will be
generated)
●
PLL2CLK/9 (when PLL2CLK is 432 MHz, 48 MHz will be generated)
The peripheral is compliant to the following standards:
●
MMC 4.4
●
SD 2.0/Part 1 - Physical Layer
●
SD 2.0/Part E1 - SDIO Specification
2.4.3
DDR-SDRAM controller
The SDRAM controller has been designed to support up to 1Gbit over each of the two chip
selects (or up to 2 Gbit over a single chip select) of:
●
LP DDR-SDRAM
●
DDR2
The memory data bus will be 16 or 32-bit wide for LP DDR-SDRAM memories (under
software control). This same configuration is also supported for DDR2 type of memories,
with two 16-bit devices per chip select.
2.4.4
Smartcard interface
STA2065 features a smartcard interface compliant to the standard ISO7816-3.
STA2065 supports 3.0V or 1.8V type of Cards.
2.5
Audio/video functions
2.5.1
C3
It is composed of CD-ROM Decoder Block, responsible for performing sector descrambling
and 3rd level of error correction embedded in the sector specific to CD-ROM mode1 and XA
Form1, and Data Filter block supporting frame data filtering and different block layout
organization possibilities. The C3 block can take its input data directly from SPDIF or from
the memory space, and delivers back its output data to memory, supporting DMA requests.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com