Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA2065A Datasheet(PDF) 18 Page - STMicroelectronics

Part # STA2065A
Description  Cartesio??family infotainment application processor with embedded GPS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2065A Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STA2065A Datasheet HTML 12Page - STMicroelectronics STA2065A Datasheet HTML 13Page - STMicroelectronics STA2065A Datasheet HTML 14Page - STMicroelectronics STA2065A Datasheet HTML 15Page - STMicroelectronics STA2065A Datasheet HTML 16Page - STMicroelectronics STA2065A Datasheet HTML 17Page - STMicroelectronics STA2065A Datasheet HTML 18Page - STMicroelectronics STA2065A Datasheet HTML 19Page - STMicroelectronics STA2065A Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Package information
STA2065
18/20
Doc ID16050 Rev 1
4
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 2.
TFBGA372+100 (16x16x1.2mm) mechanical data andpackage dimensions
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.200
0.0472
A1
A2
0.300
0.0118
A4
0.600
0.0236
b
0.300
0.350
0.420 0.0118 0.0138 0.0165
D
16.000
0.6299
D1
14.950
0.5886
E
16.000
0.6299
E1
14.950
0.5886
e
0.650
0.0256
Z
0.530
0.0209
ddd
0.150
0.0059
eee
0.150
0.0059
fff
0.080
0.0031
TFBGA372+100
Thin profile Fine Pitch Ball Grid Array
Body: 16 x 16 x 1.2mm, pitch 0.65mm
8178590 B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com