Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA2065A Datasheet(PDF) 14 Page - STMicroelectronics

Part # STA2065A
Description  Cartesio??family infotainment application processor with embedded GPS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2065A Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STA2065A Datasheet HTML 10Page - STMicroelectronics STA2065A Datasheet HTML 11Page - STMicroelectronics STA2065A Datasheet HTML 12Page - STMicroelectronics STA2065A Datasheet HTML 13Page - STMicroelectronics STA2065A Datasheet HTML 14Page - STMicroelectronics STA2065A Datasheet HTML 15Page - STMicroelectronics STA2065A Datasheet HTML 16Page - STMicroelectronics STA2065A Datasheet HTML 17Page - STMicroelectronics STA2065A Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
System features introduction
STA2065
14/20
Doc ID16050 Rev 1
3.3
Frequency and power range
The core voltage range is 1.25 ±4 %V while the IO voltage ranges are 1.8 ±10 %V,
2.5 ± 10 %V and 3.3 ± 10 %V.
Table 2 shows some power use cases of STA2065 in NORMAL mode:
The background of Table 2 is the maximization of data throughput on the DRAM interface,
matching the currently available DRAM speed grades: 133 MHz, 166 MHz and 200 MHz (LP
DDR) and 333 MHz (DDR2). Despite this, it is possible to program the ARM core, the
internal bus and the DDR to run at different speeds than the ones mentioned in Table 2 The
ARM bus clock and the bus clock are derived from the same common source (VCO of the
PLL1) but are asynchronous each other. The DDR frequency can be the same
(synchronous) or derived with a different prescaling (1,2,3,4,5,6,8,9 or 10) from the VCO of
PLL1 or PLL2 (asynchronous configuration).
STA2065 embeds a complete GPS subsystem where both gate logic and dedicated DSP
work together. There are specific constraints in this subsystem in terms of minimum
frequency in order to guarantee the target GPS specifications.
In the lowest power consumption state as possible, only Vdd_on is powered and the target
current drawn is 20
μA. In this state, the clock is not running and the current leakage is
mainly due to the Backup memory. The 20
μA current limit has to be considered with
Process best (leakage worst case condition), Vdd_on 1.3V (1.25V plus 4% tolerance) and
Junction Temperature 50oC (considering, while in this state, the ambient temperature is
equal to the junction temperature).
Table 2.
Frequency and power use cases
Vdd and Vdd_on (V)
Core Freq
[MHz]
Bus Freq
[MHz]
DDR Freq
[MHz]
Sync/Async
[S/A]
1.2 5(±4%)
624
208
312
A, DDR2
1.2 5(±4%)
624
156
156
S
1.2 5(±4%)
624
124.8
124.8
S
1.2 5(±4%)
533
177.67
177.67
S
1.2 5(±4%)
533
133.25
133.25
S
1.2 5(±4%)
533
177.67
312
A, DDR2
1.2 5(±4%)
520
208
130
A
1.2 5(±4%)
520
173.34
173.34
S
1.2 5(±4%)
520
130
130
S
1.2 5(±4%)
520
208
312
A, DDR2
1.2 5(±4%)
494
197.6
197.6
S
1.2 5(±4%)
494
164.67
164.67
S
1.2 5(±4%)
494
123.5
123.5
S
1.2 5(±4%)
494
208
329.34
A, DDR2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com