Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA2065A Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA2065A
Description  Cartesio??family infotainment application processor with embedded GPS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2065A Datasheet(HTML) 1 Page - STMicroelectronics

  STA2065A Datasheet HTML 1Page - STMicroelectronics STA2065A Datasheet HTML 2Page - STMicroelectronics STA2065A Datasheet HTML 3Page - STMicroelectronics STA2065A Datasheet HTML 4Page - STMicroelectronics STA2065A Datasheet HTML 5Page - STMicroelectronics STA2065A Datasheet HTML 6Page - STMicroelectronics STA2065A Datasheet HTML 7Page - STMicroelectronics STA2065A Datasheet HTML 8Page - STMicroelectronics STA2065A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
July 2009
Doc ID16050 Rev 1
1/20
20
STA2065
Cartesio™ family
infotainment application processor with embedded GPS
Features
■ ARM1176 533/624 MHz host processor
– Cache: 32 KB instruction, 32 KB data
– Vector floating point unit
■ High performance embedded GPS subsystem
– Parallel acquisition engines for 8 GPS
satellites or 4 Galileo satellites
– 32 tracking channels for all satellites in view
– 5 correlators per channel for urban canyon
robustness
– Multibit signal processing hardware
■ Advanced power management
– Separated power islands for ultra low
power mode
– Dynamic core frequency scaling
– 512-Byte embedded SRAM for back-up
■ System infrastructure
– LP DDR/DDR2 controller: 16/32bit data
512 MB addressable. (333 MHz DDR2,
200 MHz LPDDR)
– Static memory controller (bootable):
NAND/NOR, SRAM
– One bank of 32 KB embedded SRAM
– 64-channel vector interrupt controller (VIC)
– 2 DMA controllers, 16 physical channels
– 32 DMA request for each controller
– Two external DMA requests are supported
■ Display and graphics
– Color LCD controller for STN,TFT or HR-
TFT panels with 24-bit parallel RGB
interface
– Integrated touch screen controller and ADC
– 3D advanced graphics acceleration
– Video input port (VIP) interface
– JPEG baseline profile decoder
■ High throuput interfaces
– 2 ports USB 2.0 OTG with integrated
physical layers
– 3 SD/MMC up to 8 bit data, 2 bootable
■ Audio interfaces and features
– Four multichannel serial ports (I2S/TDM)
– SPDIF input interface
– C3 hardware reed-solomon decoder
– Sample rate converter
■ Standard interfaces
– Four 16-bit input capture/output compare
– Pulse width light modulator (PWL)
– Four autobaud UART
– Three I2C multimaster/slave interfaces
– Two synchronous serial port (SSP, SPI)
– Smartcard interface
– Five 32-bit GPIO ports
■ Two controller area network (CAN) in
automotive version
■ Programmable voltage IOs: 1.8 V, 2.5 V, 3.3 V
■ VIOON: 1.8 ±10%V, VDDON: VDD, 1.0 ±10%V
■ TFBGA 372+100 0.65 mm pitch package,
packing in tray
■ Ambient temperature range: -40 / +85 °C
Table 1.
Device summary
Order code
Qualification
grade
CPU freq.
CAN
STA2065N
Consumer
533 MHz
No
STA2065P
Consumer
624 MHz
No
STA2065A
Automotive
533 MHz
2x
TFBGA372+100 (16x16x1.2mm)
www.st.com


Similar Part No. - STA2065A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA2062 STMICROELECTRONICS-STA2062 Datasheet
160Kb / 5P
Cartesio??Infotainment application processor with embedded GPS
12-Oct-2007
STA2062A STMICROELECTRONICS-STA2062A Datasheet
159Kb / 5P
Cartesio??family infotainment application processor with embedded GPS
16-Apr-2008
STA2064 STMICROELECTRONICS-STA2064 Datasheet
256Kb / 19P
Cartesio??family infotainment application processor with embedded GPS
22-Jul-2009
STA2064A STMICROELECTRONICS-STA2064A Datasheet
256Kb / 19P
Cartesio??family infotainment application processor with embedded GPS
22-Jul-2009
STA2064N STMICROELECTRONICS-STA2064N Datasheet
256Kb / 19P
Cartesio??family infotainment application processor with embedded GPS
22-Jul-2009
More results

Similar Description - STA2065A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA2062 STMICROELECTRONICS-STA2062 Datasheet
160Kb / 5P
Cartesio??Infotainment application processor with embedded GPS
12-Oct-2007
STA2062A STMICROELECTRONICS-STA2062A Datasheet
159Kb / 5P
Cartesio??family infotainment application processor with embedded GPS
16-Apr-2008
STA2064 STMICROELECTRONICS-STA2064 Datasheet
256Kb / 19P
Cartesio??family infotainment application processor with embedded GPS
22-Jul-2009
logo
Advantech Co., Ltd.
EWM-G108H ADVANTECH-EWM-G108H Datasheet
502Kb / 1P
Embedded GPS
logo
Telit loT Solutions
SE878K7-A TELIT-SE878K7-A Datasheet
650Kb / 2P
GPS Embedded
logo
Adlink Technology Inc.
MXE-210 ADLINK-MXE-210 Datasheet
711Kb / 2P
Intel Atom Processor E3900 Family-Based Embedded platform
logo
TE Connectivity Ltd
956-510-5XX TEC-956-510-5XX Datasheet
315Kb / 2P
GPS Embedded Antenna
logo
NimbeLink Corp.
CRJKS0010-LNA-G65U NIMBELINK-CRJKS0010-LNA-G65U Datasheet
512Kb / 2P
CRJKS0010 Embedded GPS Antenna Embedded Ceramic GPS Antenna
logo
AAEON Technology
PICO-V2K4-SEMI AAEON-PICO-V2K4-SEMI Datasheet
420Kb / 2P
PICO-SEMI with AMD RYZEN™ V2000 embedded Processor Family
2022/11/22
PICO-V2K4 AAEON-PICO-V2K4 Datasheet
534Kb / 2P
Pico-ITX Board with AMD RYZEN™ V2000 embedded Processor Family
2022/02/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com