Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV630 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TSV630
Description  Rail-to-rail input/output 60 μA 880 kHz CMOS operational amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV630 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TSV630 Datasheet HTML 7Page - STMicroelectronics TSV630 Datasheet HTML 8Page - STMicroelectronics TSV630 Datasheet HTML 9Page - STMicroelectronics TSV630 Datasheet HTML 10Page - STMicroelectronics TSV630 Datasheet HTML 11Page - STMicroelectronics TSV630 Datasheet HTML 12Page - STMicroelectronics TSV630 Datasheet HTML 13Page - STMicroelectronics TSV630 Datasheet HTML 14Page - STMicroelectronics TSV630 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
TSV630 - TSV631
Application information
11/23
3
Application information
3.1
Operating voltages
The TSV630 and TSV631 can operate from 1.5 to 5.5 V. Their parameters are fully specified
for 1.8-, 3.3- and 5-V power supplies. However, the parameters are very stable in the full
VCC range and several characterization curves show the TSV63x characteristics at 1.5 V.
Additionally, the main specifications are guaranteed in extended temperature ranges from
-40° C to +125° C.
3.2
Rail-to-rail input
The TSV630 and TSV631 are built with two complementary PMOS and NMOS input
differential pairs. The devices have a rail-to-rail input, and the input common mode range is
extended from VDD -0.1 V to VCC +0.1 V. The transition between the two pairs appears at
VCC -0.7 V. In the transition region, the performance of CMRR, PSRR, Vio and THD is
slightly degraded (as shown in Figure 16 and Figure 17 for Vio vs. Vicm).
The device is guaranteed without phase reversal.
3.3
Rail-to-rail output
The operational amplifiers’ output levels can go close to the rails: 35 mV maximum above
and below the rail when connected to a 10 k
Ω resistive load to VCC/2.
Figure 16.
Input offset voltage vs input
common mode at VCC = 1.5 V
Figure 17.
Input offset voltage vs input
common mode at VCC = 5 V
-0.2
-0.2
0.0
0.0
0.2
0.2
0.4
0.4
0.6
0.6
0.8
0.8
1.0
1.0
1.2
1.2
1.4
1.4
1.6
1.6
-0.5
-0.5
-0.4
-0.4
-0.3
-0.3
-0.2
-0.2
-0.1
-0.1
0.0
0.0
0.1
0.1
0.2
0.2
0.3
0.3
0.4
0.4
0.5
0.5
Input Common Mode Voltage (V)
0.0
0.0
1.0
1.0
2.0
2.0
3.0
3.0
4.0
4.0
5.0
5.0
-0.4
-0.4
-0.2
-0.2
0.0
0.0
0.2
0.2
0.4
0.4
Input Common Mode Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com