Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV630 Datasheet(PDF) 18 Page - STMicroelectronics

Part # TSV630
Description  Rail-to-rail input/output 60 μA 880 kHz CMOS operational amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV630 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TSV630 Datasheet HTML 14Page - STMicroelectronics TSV630 Datasheet HTML 15Page - STMicroelectronics TSV630 Datasheet HTML 16Page - STMicroelectronics TSV630 Datasheet HTML 17Page - STMicroelectronics TSV630 Datasheet HTML 18Page - STMicroelectronics TSV630 Datasheet HTML 19Page - STMicroelectronics TSV630 Datasheet HTML 20Page - STMicroelectronics TSV630 Datasheet HTML 21Page - STMicroelectronics TSV630 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Package information
TSV630 - TSV631
18/23
4.3
SC70-6 (or SOT323-6) package mechanical data
Figure 25.
SC70-6 (or SOT323-6) package mechanical drawing
Table 10.
SC70-6 (or SOT323-6) package mechanical data
Ref
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.80
1.10
0.031
0.043
A1
0.10
0.004
A2
0.80
1.00
0.031
0.039
b
0.15
0.30
0.006
0.012
c
0.10
0.18
0.004
0.007
D
1.80
2.20
0.071
0.086
E
1.15
1.35
0.045
0.053
e
0.65
0.026
HE
1.80
2.40
0.071
0.094
L
0.10
0.40
0.004
0.016
Q1
0.10
0.40
0.004
0.016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com