Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV630 Datasheet(PDF) 21 Page - STMicroelectronics

Part # TSV630
Description  Rail-to-rail input/output 60 μA 880 kHz CMOS operational amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV630 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TSV630 Datasheet HTML 15Page - STMicroelectronics TSV630 Datasheet HTML 16Page - STMicroelectronics TSV630 Datasheet HTML 17Page - STMicroelectronics TSV630 Datasheet HTML 18Page - STMicroelectronics TSV630 Datasheet HTML 19Page - STMicroelectronics TSV630 Datasheet HTML 20Page - STMicroelectronics TSV630 Datasheet HTML 21Page - STMicroelectronics TSV630 Datasheet HTML 22Page - STMicroelectronics TSV630 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
TSV630 - TSV631
Ordering information
21/23
5
Ordering information
Table 12.
Order codes
Part number
Temperature
range
Package
Packing
Marking
TSV630ILT
-40°C to +125°C
SOT23-6
Tape & reel
K108
TSV630ICT
-40°C to +125°C
SC70-6
Tape & reel
K18
TSV631ILT
-40°C to +125°C
SOT23-5
Tape & reel
K109
TSV631ICT
-40°C to +125°C
SC70-5
Tape & reel
K19
TSV630AILT
-40°C to +125°C
SOT23-6
Tape & reel
K141
TSV630AICT
-40°C to +125°C
SC70-6
Tape & reel
K41
TSV631AILT
-40°C to +125°C
SOT23-5
Tape & reel
K142
TSV631AICT
-40°C to +125°C
SC70-5
Tape & reel
K42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com