Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV630 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TSV630
Description  Rail-to-rail input/output 60 μA 880 kHz CMOS operational amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV630 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TSV630 Datasheet HTML 9Page - STMicroelectronics TSV630 Datasheet HTML 10Page - STMicroelectronics TSV630 Datasheet HTML 11Page - STMicroelectronics TSV630 Datasheet HTML 12Page - STMicroelectronics TSV630 Datasheet HTML 13Page - STMicroelectronics TSV630 Datasheet HTML 14Page - STMicroelectronics TSV630 Datasheet HTML 15Page - STMicroelectronics TSV630 Datasheet HTML 16Page - STMicroelectronics TSV630 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
TSV630 - TSV631
Application information
13/23
3.5
Optimization of DC and AC parameters
These devices use an innovative approach to reduce the spread of the main DC and AC
parameters. An internal adjustment achieves a very narrow spread of the current
consumption (60 µA typical, min/max at ±17 %). Parameters linked to the current
consumption value, such as GBP, SR and AVd, benefit from this narrow dispersion. All parts
present a similar speed and the same behavior in terms of stability. In addition, the minimum
values of GBP and SR are guaranteed (GBP = 730 kHz minimum and SR = 0.25 V/µs
minimum).
3.6
Driving resistive and capacitive loads
These products are micro-power, low-voltage operational amplifiers optimized to drive rather
large resistive loads, above 2 k
Ω. For lower resistive loads, the THD level may significantly
increase.
In a follower configuration, these operational amplifiers can drive capacitive loads up to
100 pF with no oscillations. When driving larger capacitive loads, adding an in-series
resistor at the output can improve the stability of the devices (see Figure 22 for
recommended in-series resistor values). Once the in-series resistor value has been
selected, the stability of the circuit should be tested on bench and simulated with the
simulation model.
Figure 22.
In-series resistor vs. capacitive load
3.7
PCB layouts
For correct operation, it is advised to add 10 nF decoupling capacitors as close as possible
to the power supply pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com