Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3082EST Datasheet(PDF) 12 Page - Linear Technology

Part # LT3082EST
Description  200mA Single Resistor Low Dropout Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3082EST Datasheet(HTML) 12 Page - Linear Technology

Back Button LT3082EST Datasheet HTML 8Page - Linear Technology LT3082EST Datasheet HTML 9Page - Linear Technology LT3082EST Datasheet HTML 10Page - Linear Technology LT3082EST Datasheet HTML 11Page - Linear Technology LT3082EST Datasheet HTML 12Page - Linear Technology LT3082EST Datasheet HTML 13Page - Linear Technology LT3082EST Datasheet HTML 14Page - Linear Technology LT3082EST Datasheet HTML 15Page - Linear Technology LT3082EST Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LT3082
12
3082f
APPLICATIONS INFORMATION
The LT3082 uses a unity-gain follower from the SET pin
to the OUT pin. Therefore, multiple possibilities exist
(besides a SET pin resistor) to set output voltage. For
example, using a high accuracy voltage reference from
SET to GND removes the errors in output voltage due to
reference current tolerance and resistor tolerance. Active
driving of the SET pin is acceptable.
The typical noise scenario for a linear regulator is that the
output voltage setting resistor divider gains up the noise
reference, especially if VOUT is much greater than VREF. The
LT3082’s noise advantage is that the unity-gain follower
presents no noise gain whatsoever from the SET pin to the
output. Thus, noise figures do not increase accordingly.
Error amplifier noise is typical 100nV/√Hz (33μVRMS over
the 10Hz to 100kHz bandwidth). The error amplifier’s noise
is RMS summed with the other noise terms to give a final
noise figure for the regulator.
Curves in the Typical Performance Characteristics sec-
tion show noise spectral density and peak-to-peak noise
characteristics for both the reference current and error
amplifier over the 10Hz to 100kHz bandwidth.
Load Regulation
The LT3082 is a floating device. No ground pin exists on
the packages. Thus, the IC delivers all quiescent current
and drive current to the load. Therefore, it is not possible
to provide true remote load sensing. The connection resis-
tance between the regulator and the load determines load
regulation performance. The data sheet’s load regulation
specification is Kelvin sensed at the package’s pins. Nega-
tive-side sensing is a true Kelvin connection by returning
the bottom of the voltage setting resistor to the negative
side of the load (see Figure 6).
Connected as shown, system load regulation is the sum
of the LT3082’s load regulation and the parasitic line
resistance multiplied by the output current. To minimize
load regulation, keep the positive connection between the
regulator and load as short as possible. If possible, use
large diameter wire or wide PC board traces.
Figure 6. Connections for Best Load Regulation
IN
SET
+
–
LT3082
10μA
3082 F06
OUT
RSET
RP
PARASITIC
RESISTANCE
RP
RP
LOAD
Thermal Considerations
The LT3082’s internal power and thermal limiting circuitry
protects itself under overload conditions. For continuous
normal load conditions, do not exceed the 125°C maximum
junction temperature. Carefully consider all sources of
thermal resistance from junction-to-ambient. This includes
(but is not limited to) junction-to-case, case-to-heat sink
interface, heat sink resistance or circuit board-to-ambient
as the application dictates. Consider all additional, adjacent
heat generating sources in proximity on the PCB.
Surface mount packages provide the necessary heatsinking
by using the heat spreading capabilities of the PC board,
copper traces and planes. Surface mount heat sinks, plated
through-holes and solder-filled vias can also spread the
heat generated by power devices.
Junction-to-case thermal resistance is specified from
the IC junction to the bottom of the case directly, or
the bottom of the pin most directly, in the heat path.
This is the lowest thermal resistance path for heat flow.
Only proper device mounting ensures the best possible
thermal flow from this area of the package to the heat
sinking material.
Note that the Exposed Pad of the DFN package and the
tab of the SOT-223 package is electrically connected to
the output (VOUT).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com