Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3082EST Datasheet(PDF) 15 Page - Linear Technology

Part # LT3082EST
Description  200mA Single Resistor Low Dropout Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3082EST Datasheet(HTML) 15 Page - Linear Technology

Back Button LT3082EST Datasheet HTML 11Page - Linear Technology LT3082EST Datasheet HTML 12Page - Linear Technology LT3082EST Datasheet HTML 13Page - Linear Technology LT3082EST Datasheet HTML 14Page - Linear Technology LT3082EST Datasheet HTML 15Page - Linear Technology LT3082EST Datasheet HTML 16Page - Linear Technology LT3082EST Datasheet HTML 17Page - Linear Technology LT3082EST Datasheet HTML 18Page - Linear Technology LT3082EST Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
LT3082
15
3082f
TYPICAL APPLICATIONS
Using a Lower Value SET Resistor
Adding Soft-Start
Coincident Tracking
SET
+
–
LT3082
10μA
IN
OUT
1mA
VIN
12V
COUT
4.7μF
VOUT
0.5V TO 10V
3082 TA04
R1
49.9k
1%
RSET
10k
R2
499Ω
1%
C1
1μF
VOUT = 0.5V + 1mA • RSET
SET
+
–
LT3082
10μA
IN
OUT
VIN
4.8V to 40V
VOUT
3.3V
0.2A
COUT
4.7μF
3082 TA05
R1
332k
C2
0.01μF
C1
1μF
D1
1N4148
+
–
LT3082
10μA
SET
+
–
LT3082
10μA
IN
OUT
SET
+
–
LT3082
10μA
IN
OUT
VOUT3
5V
0.2A
C3
4.7μF
VOUT2
3.3V
0.2A
3082 TA06
R2
80.6k
C2
4.7μF
C1
1.5μF
VIN
7V TO 40V
R1
249k
VOUT1
2.5V
0.2A
SET
IN
OUT
R3
169k
C4
4.7μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com