Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3082EST Datasheet(PDF) 6 Page - Linear Technology

Part # LT3082EST
Description  200mA Single Resistor Low Dropout Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3082EST Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3082EST Datasheet HTML 2Page - Linear Technology LT3082EST Datasheet HTML 3Page - Linear Technology LT3082EST Datasheet HTML 4Page - Linear Technology LT3082EST Datasheet HTML 5Page - Linear Technology LT3082EST Datasheet HTML 6Page - Linear Technology LT3082EST Datasheet HTML 7Page - Linear Technology LT3082EST Datasheet HTML 8Page - Linear Technology LT3082EST Datasheet HTML 9Page - Linear Technology LT3082EST Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LT3082
6
3082f
FREQUENCY (Hz)
1
10k
10k
100k
100
10
1k
3082 G19
100
10
1k
0.1
1k
10
1.0
100
TYPICAL PERFORMANCE CHARACTERISTICS
Ripple Rejection (120Hz)
Noise Spectral Density
Output Voltage Noise
TIME 1ms/DIV
VOUT
100μV/DIV
VOUT = 1V
RSET = 100k
CSET = 0.1μF
COUT = 2.2μF
ILOAD = 200mA
3082 G20
VBAT = 3.6V
ICPO = 200μA
CCPO = 2.2ΩF
100
1k
10k
100k
1M
10M
10
FREQUENCY (Hz)
80
100
60
40
20
0
120
3082 G17
VIN = VOUT(NOMINAL) + 3V
RIPPLE = 500mVP-P
ILOAD = 200mA
COUT = 2.2μF
CSET =
0.1μF
CSET = 0
Ripple Rejection
TEMPERATURE (°C)
–50
80
81
83
84
85
90
87
0
50
75
3082 G18
82
88
89
86
–25
25
100 125
150
VIN = VOUT(NOMINAL) + 2V
RIPPLE = 500mVP-P, f = 120Hz
ILOAD = 0.2A
CSET = 0, COUT = 2.2μF
Residual Output for Less Than
Minimum Load Current
RTEST (Ω)
0
800
700
600
500
400
300
200
100
0
3082 G16
2000
1000
VIN = 36V
VIN = 5V
SET PIN = 0V
VIN
VOUT
RTEST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com