Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3082EST Datasheet(PDF) 16 Page - Linear Technology

Part # LT3082EST
Description  200mA Single Resistor Low Dropout Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3082EST Datasheet(HTML) 16 Page - Linear Technology

Back Button LT3082EST Datasheet HTML 12Page - Linear Technology LT3082EST Datasheet HTML 13Page - Linear Technology LT3082EST Datasheet HTML 14Page - Linear Technology LT3082EST Datasheet HTML 15Page - Linear Technology LT3082EST Datasheet HTML 16Page - Linear Technology LT3082EST Datasheet HTML 17Page - Linear Technology LT3082EST Datasheet HTML 18Page - Linear Technology LT3082EST Datasheet HTML 19Page - Linear Technology LT3082EST Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LT3082
16
3082f
TYPICAL APPLICATIONS
Reference Buffer
SET
+
–
LT3082
10μA
3082 TA08
IN
OUT
C1
1μF
* MINIMUM LOAD 0.5mA
VOUT*
VIN
OUTPUT
GND
INPUT
C2
4.7μF
LT1019
High Voltage Regulator
Ramp Generator
Adding Shutdown
SET
+
–
LT3082
10μA
IN
OUT
VIN
VOUT
3082 TA07
R1
ON OFF
SHUTDOWN
Q1
VN2222LL
Q2*
VN2222LL
Q2 INSURES ZERO OUTPUT
IN THE ABSENCE OF ANY
OUTPUT LOAD.
*
SET
+
–
LT3082
10μA
IN
OUT
6.1V
1N4148
VIN
50V
VOUT
0.2A
VOUT = 20V
VOUT = 10μA • RSET
3082 TA09
RSET
2MEG
4.7μF
15μF
10μF
BUZ11
10k
+
+
SET
+
–
LT3082
10μA
IN
OUT
VIN
5V
VOUT
3082 TA10
VN2222LL
VN2222LL
4.7μF
1μF
1nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com