Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHT10 Datasheet(PDF) 5 Page - Extech Instruments Corporation.

Part # RHT10
Description  Registrador de Humedad / Temperatura
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

RHT10 Datasheet(HTML) 5 Page - Extech Instruments Corporation.

  RHT10 Datasheet HTML 1Page - Extech Instruments Corporation. RHT10 Datasheet HTML 2Page - Extech Instruments Corporation. RHT10 Datasheet HTML 3Page - Extech Instruments Corporation. RHT10 Datasheet HTML 4Page - Extech Instruments Corporation. RHT10 Datasheet HTML 5Page - Extech Instruments Corporation. RHT10 Datasheet HTML 6Page - Extech Instruments Corporation. RHT10 Datasheet HTML 7Page - Extech Instruments Corporation. RHT10 Datasheet HTML 8Page - Extech Instruments Corporation. RHT10 Datasheet HTML 9Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
User Manual for Model RHT10 Version 1.3 March 2007
5
SETUP THE LOGGER
Click on the computer icon on the menu bar (2
nd from left) or select LOGGER SET from the LINK pull-down menu.
The Setup window will appear as shown below; descriptions for each field in the Setup window are listed directly
below the illustration:
The CURRENT TIME field will automatically synchronize with the PC date and time setting
The MANUAL and INSTANT select buttons allow the user to start datalogging immediately when the Setup
window is exited (INSTANT) or at a later time (MANUAL). Explained in the LOGGING READINGS section
The LOGGER NAME field allows the user to select a unique name for the logger
The SAMPLE POINTS field instructs the logger to take a finite number of readings
The SAMPLE RATE pull-down menu instructs the logger to log readings at a specific rate
The LED Flash Cycle can be set by the user (the longer the time, the longer the battery life)
The ALARM SETTINGS portion of the SETUP window allows the user to set HIGH and LOW temperature/RH
limits and disable the flashing of the Logger’s LEDs thereby conserving battery energy
Click on the SETUP button to save changes. Press the DEFAULT button to set the Logger to factory default
condition. Press the CANCEL button to abort the setup.
LOGGING READINGS
If INSTANT was selected in the SETUP window, the Logger begins logging at the instant the SETUP button is
pressed. If MANUAL was selected, the Logger must be manually started by pressing and holding the Logger’s
yellow button for approx. 3 seconds or until the two LEDs on the Logger flash at the same time.
Logging will continue at the programmed sample rate until the number of readings (sample points) specified in the
Setup window is reached.
The green LED flashes once per sample point and the red LED flashes when user programmed alarm limits are
exceeded. The yellow LED will flash at 10 second intervals AFTER the pre-determined number of readings has
been logged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com