Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHT10 Datasheet(PDF) 10 Page - Extech Instruments Corporation.

Part # RHT10
Description  Registrador de Humedad / Temperatura
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

RHT10 Datasheet(HTML) 10 Page - Extech Instruments Corporation.

Back Button RHT10 Datasheet HTML 3Page - Extech Instruments Corporation. RHT10 Datasheet HTML 4Page - Extech Instruments Corporation. RHT10 Datasheet HTML 5Page - Extech Instruments Corporation. RHT10 Datasheet HTML 6Page - Extech Instruments Corporation. RHT10 Datasheet HTML 7Page - Extech Instruments Corporation. RHT10 Datasheet HTML 8Page - Extech Instruments Corporation. RHT10 Datasheet HTML 9Page - Extech Instruments Corporation. RHT10 Datasheet HTML 10Page - Extech Instruments Corporation. RHT10 Datasheet HTML 11Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
User Manual for Model RHT10 Version 1.3 March 2007
10
Battery Replacement
It is highly recommended that the battery be replaced every 12 months, or prior to logging critical data.
The datalogger does not lose its stored readings when the battery weakens or when the battery is replaced; the
data logging process will however be stopped and cannot be re-started until the battery has been replaced and
the logged data has been downloaded to PC.
Use only 3.6V lithium batteries. Before replacing the battery, remove the datalogger from the PC. Follow
diagrammatic steps 1 through 4 below.
NOTE: Leaving the logger plugged into the PC USB port longer than necessary will cause some of the battery
capacity to be lost.
WARNING: Handle lithium batteries carefully, observe warnings on battery casing. Dispose of in accordance with
local regulations.
Sensor Reconditioning
Over time, the internal sensor may be compromised as a result of pollutants, chemical vapors, and other
environmental conditions which can lead to inaccurate readings. To recondition the internal sensor, please follow
the procedure below:
Bake the Logger at 80°C (176°F) at <5%RH for 36 hours followed by
20-30°C (70-90°F) at >74%RH for 48 hours (for re-hydration)
If permanent damage to the internal sensor is suspected, replace the Logger immediately to insure accurate
readings.
1
2
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com