Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHT10 Datasheet(PDF) 3 Page - Extech Instruments Corporation.

Part # RHT10
Description  Registrador de Humedad / Temperatura
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

RHT10 Datasheet(HTML) 3 Page - Extech Instruments Corporation.

  RHT10 Datasheet HTML 1Page - Extech Instruments Corporation. RHT10 Datasheet HTML 2Page - Extech Instruments Corporation. RHT10 Datasheet HTML 3Page - Extech Instruments Corporation. RHT10 Datasheet HTML 4Page - Extech Instruments Corporation. RHT10 Datasheet HTML 5Page - Extech Instruments Corporation. RHT10 Datasheet HTML 6Page - Extech Instruments Corporation. RHT10 Datasheet HTML 7Page - Extech Instruments Corporation. RHT10 Datasheet HTML 8Page - Extech Instruments Corporation. RHT10 Datasheet HTML 9Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
User Manual for Model RHT10 Version 1.3 March 2007
3
LED Status Guide
LED Status
Indication
Action
REC ALM
Both LED lights OFF
Logging not active
Or
Low Battery
Start logging
Replace battery and
download the data
REC ALM
One green flash every 10 sec. *
Logging active, no alarm condition**
Green double flash every 10 sec.
Delayed start
To start, hold the start
button until Green and
Yellow LED flash
REC ALM
Red single flash every 10 sec. *
Logging active, low alarm condition for RH***
Red double flash every 10 sec. *
Logging active, high alarm condition for RH***
Red single flash every 60 sec.
Low Battery****
If logging, logger will stop
automatically. No data will
be lost. Replace battery
REC ALM
Yellow single flash every 10 sec. *
Logging active, low alarm condition for TEMP***
Yellow double flash every 10 sec. *
Logging active, high alarm condition for TEMP***
Yellow single flash every 60 sec.
Logger memory full
Download the data
* To save power, the logger’s LED flashing-cycle can be changed to 20s or 30s via the supplied software.
** To save power, alarm LEDs for temperature and humidity can be disabled via the supplied software.
***When both temperature and relative humidity readings exceed alarm level synchronously, LED status indication
alternate every cycle.
****When the battery is low, all operations will be disabled automatically. NOTE: Logging automatically stops when
the battery weakens (logged data will be retained). The supplied software is required to restart logging and to
download logged data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com