Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHT10 Datasheet(PDF) 7 Page - Extech Instruments Corporation.

Part # RHT10
Description  Registrador de Humedad / Temperatura
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

RHT10 Datasheet(HTML) 7 Page - Extech Instruments Corporation.

Back Button RHT10 Datasheet HTML 3Page - Extech Instruments Corporation. RHT10 Datasheet HTML 4Page - Extech Instruments Corporation. RHT10 Datasheet HTML 5Page - Extech Instruments Corporation. RHT10 Datasheet HTML 6Page - Extech Instruments Corporation. RHT10 Datasheet HTML 7Page - Extech Instruments Corporation. RHT10 Datasheet HTML 8Page - Extech Instruments Corporation. RHT10 Datasheet HTML 9Page - Extech Instruments Corporation. RHT10 Datasheet HTML 10Page - Extech Instruments Corporation. RHT10 Datasheet HTML 11Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
User Manual for Model RHT10 Version 1.3 March 2007
7
DATA GRAPH
The Data Graph window presents the transferred data in x-y graph format with Date/Time represented on the
horizontal axis and Temperature / %Relative Humidity / Dew Point / Alarm Limits represented on the y axis:
To zoom in and zoom out data regions, there are several approaches, these are:
1.
Use the mouse to click and drag a box around any data area to magnify the area selected.
2.
Click on the zoom magnifier icon tool on the menu bar
3.
Select ZOOM OUT / ZOOM IN from the VIEW pull-down menu.
In the example graph above, the Temperature is represented by the solid red line (the lines are known as ‘traces’),
the Relative Humidity % by the solid yellow trace, and the Dew Point Temperature by the solid green trace. The
low and high alarm values for temperature are represented by the dashed red trace, the low and high alarm values
for Relative Humidity by the dashed yellow trace.
To customize the graph window select SHOW TRACES, BACKGROUND, GRID LINES, and MASK POINTS from
the VIEW pull-down menu. These options provide the following features:
SHOW TRACES: Allows the user to select which data to view as a trace (Temperature, RH, Dew Point, & Alarms).
BACKGROUND: Select background color scheme.
GRID LINES: Add or remove grid lines from x and y axes.
MASK POINTS: Places dots on the traces for the actual data points, breaking up the continuous nature of a trace.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com