Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT5140 Datasheet(PDF) 9 Page - Cadeka Microcircuits LLC.

Part # SPT5140
Description  8-BIT, ULTRAHIGH-SPEED D/A CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT5140 Datasheet(HTML) 9 Page - Cadeka Microcircuits LLC.

Back Button SPT5140 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT5140 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT5140 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT5140 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT5140 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT5140 Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT5140 Datasheet HTML 10Page - Cadeka Microcircuits LLC. SPT5140 Datasheet HTML 11Page - Cadeka Microcircuits LLC. SPT5140 Datasheet HTML 12Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
SPT5140
TYPICAL RGB GRAPHICS SYSTEM
In an RGB graphics system, the color displayed is deter-
mined by the combined intensities of the red, green and
blue (RGB) D/A converter outputs. A change in gain or
offset in any of the RGB outputs will affect the apparent
hue displayed on the CRT screen.
Thus, it is very important that the outputs of the D/A con-
verters track each other over a wide range of operating
conditions. Since the D/A output is proportional to the
product of the reference and digital input code, a com-
mon reference should be used to drive all three D/As in
an RGB system to minimize RGB DAC-to-DAC mismatch
and improve TC tracking.
The SPT5140 contains an internal precision bandgap
reference which completely eliminates the need for an
external reference. The reference can supply up to 50
µA
to an external load, such as two other DAC reference
inputs.
The circuits shown in figure 8 illustrate how a single
SPT5140 may be used as a master reference in a system
with multiple DACs (such as RGB). The other DACs are
simply slaved from the SPT5140’s reference output.
750
Ω
500
Ω
750
Ω
500
Ω
SPT5140
(Master)
R
SPT5140
(Slave)
G
1k
Ω
Ref In
ISet
SPT5140
(Slave)
B
1 k
Ω
Ref In
ISet
Ref Out
ISet
R2
750
Ω
R1
500
Ω
ISet
ISet
ISet
Ref In
IRef
Figure 8 – Typical RGB Graphics System
9
3/28/00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com