Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT5140 Datasheet(PDF) 3 Page - Cadeka Microcircuits LLC.

Part # SPT5140
Description  8-BIT, ULTRAHIGH-SPEED D/A CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT5140 Datasheet(HTML) 3 Page - Cadeka Microcircuits LLC.

  SPT5140 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT5140 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT5140 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT5140 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT5140 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT5140 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT5140 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT5140 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT5140 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SPT5140
TEST LEVEL CODES
All electrical characteristics are subject
to the following conditions:
All parameters having min/max specifi-
cations are guaranteed. The Test Level
column indicates the specific device
testing actually performed during pro-
duction and Quality Assurance inspec-
tion. Any blank section in the data
column indicates that the specification
is not tested at the specified condition.
TEST LEVEL
TEST PROCEDURE
I
100% production tested at the specified temperature.
II
100% production tested at TA = +25 °C, and sample tested at the
specified temperatures.
III
QA sample tested only at the specified temperatures.
IV
Parameter is guaranteed (but not tested) by design and characteriza-
tion data.
V
Parameter is a typical value for information purposes only.
VI
100% production tested at TA = +25 °C. Parameter is guaranteed over
specified temperature range.
Dynamic Characteristics (RL = 37.5 ohms, CL = 5 pF, TA = +25 °C, ISet = 1.105 mA)
Maximum Conversion Rate
IV
385
400
MWPS
Rise Time
10% to 90% G.S.
IV
900
ps
Rise Time
10% to 90% G.S.
IV
600
ps
RL = 25 ohms
Current Settling Time, Clocked
To 0.2% G.S.
V
4
ns
Mode (tSI)
Current Settling Time, Clocked
To 0.2% G.S.
V
3
ns
Mode (tSI)RL = 25 Ω
Clock to Output Delay, Clocked
IV
2.2
4
ns
Mode (tDSC)
TA = TMIN to TMAX
IV
4.5
ns
Part-to-Part Clock to Output Delay
Skew, Clocked Mode
TA = TMIN to TMAX
IV
1.5
ns
Data to Output Delay,
IV
3.2
6
ns
Transparent Mode (tDST)
TA = TMIN to TMAX
IV
6
ns
Glitch Energy
Area = 1/2 VT
V
4
pV-s
Convert Pulse Width (tPWH, tPWL)
IV
1.3
ns
Reference Bandwidth, –3 dB
V
1.25
MHz
Set-up Time, Data and Controls (tS)
IV
1.0
ns
Hold Time, Data and Controls (tH)
IV
0.5
ns
Slew Rate
20% to 80% G.S.
V
700
V/
µS
Clock Feedthrough
IV
–48
dB
ELECTRICAL SPECIFICATIONS
VCC = ground, VEE = –5.2 V ±0.3 V, TA = TMIN to TMAX, CC = 0 pF, ISet = 1.105 mA, unless otherwise specified.
TEST
TEST
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
UNITS
3
3/28/00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com