Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT5140 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # SPT5140
Description  8-BIT, ULTRAHIGH-SPEED D/A CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT5140 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  SPT5140 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT5140 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT5140 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT5140 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT5140 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT5140 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT5140 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT5140 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT5140 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SPT5140
8-BIT, ULTRAHIGH-SPEED D/A CONVERTER
BLOCK DIAGRAM
APPLICATIONS
• Raster graphics
• High-resolution color or monochrome displays
to 2k x 2k pixels
• Medical electronics: CAT, PET, MR imaging displays
• CAD/CAE workstations
• Solids modeling
• General-purpose high-speed D/A conversion
• Digital synthesizers
• Automated test equipment
• Digital transmitters/modulators
FEATURES
• 400 MWPS nominal conversion rate
• RS-343-A compatible
• Complete video controls: Sync, Blank, Bright
and Reference White (Force High)
• 10 KH, 100K ECL compatible
• Single power supply
• Registered data and video controls
• Differential current outputs
• Stable on-chip bandgap reference
• 50 and 75 ohm output drive
• ESD-protected data and control inputs
GENERAL DESCRIPTION
The SPT5140 is a monolithic 8-bit digital-to-analog con-
verter capable of accepting video data at 400 MWPS.
Complete with video controls — Sync, Blank, Reference
White (Force High), Bright — the SPT5140 directly drives
doubly-terminated 50 or 75 ohm loads to standard com-
posite video levels. Standard set-up level is 7.5 IRE. The
SPT5140 includes an internal precision bandgap refer-
ence which can drive two other SPT5140s in an RGB
graphics system.
The SPT5140 is available in a 24-lead PDIP package in
the industrial temperature range of –25
°C to +85 °C.
Contact the factory for military temperature and /883
versions.
Sync, Blank, Bright, Ref – White
D0–D3
D4–D7
(MSBs)
4 to 15
Decode
Output
Current
Switches
Out +
Out –
Bandgap
Reference
Video Controls In
Video Data In
Feedthrough
Convert
Ref In
Ref Out
ISet
Video Data In
4
4
4
4
2
4
Ref
Buffer
Register


Similar Part No. - SPT5140

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPT5140 ETC2-SPT5140 Datasheet
80Kb / 12P
8-BIT, ULTRAHIGH-SPEED D/A CONVERTER
SPT5140SIN ETC2-SPT5140SIN Datasheet
80Kb / 12P
8-BIT, ULTRAHIGH-SPEED D/A CONVERTER
More results

Similar Description - SPT5140

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD568 AD-AD568 Datasheet
541Kb / 14P
12-Bit Ultrahigh Speed Monolithic D/A Converter
AD668 AD-AD668 Datasheet
602Kb / 16P
12-Bit Ultrahigh Speed Multiplying D/A Converter
AD9768 AD-AD9768 Datasheet
103Kb / 4P
Ultrahigh Speed IC D/A Converter
REV.A
logo
List of Unclassifed Man...
SPT5140 ETC2-SPT5140 Datasheet
80Kb / 12P
8-BIT, ULTRAHIGH-SPEED D/A CONVERTER
SPT1019 ETC2-SPT1019 Datasheet
801Kb / 12P
8-BIT, HIGH SPEED D/A CONVERTER
logo
Analog Devices
AD668SQ AD-AD668SQ Datasheet
221Kb / 16P
12-Bit Ultrahigh Speed Multiplying D/A Converter
REV. A
AD568 AD-AD568_15 Datasheet
544Kb / 14P
12-Bit Ultrahigh Speed Monolithic D/A Converter
REV. A
AD668 AD-AD668_15 Datasheet
250Kb / 16P
12-Bit Ultrahigh Speed Multiplying D/A Converter
REV. A
AD9768 AD-AD9768_15 Datasheet
107Kb / 4P
Ultrahigh Speed IC D/A Converter
REV. A
AD568 AD-AD568_17 Datasheet
575Kb / 15P
12-Bit Ultrahigh Speed Monolithic D/A Converter
27-Sep-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com